Electronic Components Datasheet Search
  English  ▼

X  

TSM4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSM4
Description  Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix TSM4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 51009
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 02-Oct-07
See also: Application notes
23
TSM4
Surface Mount Miniature Trimmers
Multi-Turn Cermet Sealed
Vishay Sfernice
MARKING
VISHAY trademark, ohmic value, manufacturing date.
The ohmic value is indicated by a 3 figure code, the first two
digits are significant figures, the third one is the multiplier.
Example:
100 = 10 Ω
101 = 100 Ω
102 = 1000 Ω
503 = 50 000 Ω
SOLDERING RECOMMENDATIONS
see Application notes
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 85 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
Ω
W
V
mA
ppm/°C
10
20
50
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1M
0.25
0.25
0.08
0.04
1.58
2.23
3.53
5.00
7.07
11.2
15.8
22.3
35.3
50.0
70.7
112
158
200
200
200
158
112
77
50
35
22
15.8
11.2
7.1
5.0
3.5
2.2
1.6
1.0
0.4
0.2
± 100
PACKAGING
On tape and reel, by 500 pieces for Z version: code TR500, or 250 pieces for Y version: code TR250.
In bulk on request (plastic box of 50 pieces): code BO50.
Version Y
Version Z
ORDERING INFORMATION
TSM4
SERIES
YL
STYLE
500 k
Ω
OHMIC VALUE
± 10 %
TOLERANCE
TR250
PACKAGING
e3
LEAD FINISH
Version Z: code TR500
Version Y: code TR250
On request: BO50
e3: pure Sn
SAP PART NUMBERING GUIDELINES
TS
M
4
YL
5
0
4K
R0
5
MODEL
STYLE
OHMIC
VALUE
TOL.
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
Ø 178
Ø 23
Ø 12.7
13
2
12
4
2
Ø 1.5
6.46
5.5
0.3
3.95
0.3
2
4
6.07
8
Ø 1.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com