Electronic Components Datasheet Search
  English  ▼

X  

MBR160 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR160
Description  Schottky Rectifier, 1 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR160 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR160 Datasheet HTML 1Page - Vishay Siliconix MBR160 Datasheet HTML 2Page - Vishay Siliconix MBR160 Datasheet HTML 3Page - Vishay Siliconix MBR160 Datasheet HTML 4Page - Vishay Siliconix MBR160 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 93439
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Nov-08
1
Schottky Rectifier, 1 A
MBR150, MBR160
Vishay High Power Products
FEATURES
• Low profile, axial leaded outline
• Very low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free plating
• Designed and qualified for industrial level
DESCRIPTION
The MBR150, MBR160 axial leaded Schottky rectifier has
been optimized for very low forward voltage drop, with
moderate leakage. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
1 A
VR
50/60 V
IRM
10 mA at 125 °C
DO-204AL
Cathode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
1.0
A
VRRM
50/60
V
IFSM
tp = 5 µs sine
150
A
VF
1 Apk, TJ = 125 °C
0.65
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBR150
MBR160
UNITS
Maximum DC reverse voltage
VR
50
60
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TC = 75 °C, rectangular waveform
1.0
A
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
150
10 ms sine or 6 ms rect. pulse
25
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 4 mH
2.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by, TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - MBR160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR160 MOTOROLA-MBR160 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
MBR160 ONSEMI-MBR160 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
SynSemi, Inc.
MBR160 SYNSEMI-MBR160 Datasheet
36Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Pan Jit International I...
MBR160 PANJIT-MBR160 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBR160 VISHAY-MBR160 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
More results

Similar Description - MBR160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10BQ100PBF VISHAY-10BQ100PBF Datasheet
105Kb / 6P
Schottky Rectifier, 1 A
15-Apr-08
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
Schottky Rectifier, 1 A
03-Mar-10
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
Schottky Rectifier, 1 A
22-Aug-11
10MQ060-M3 VISHAY-10MQ060-M3 Datasheet
116Kb / 6P
Schottky Rectifier, 1 A
22-Aug-11
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
Schottky Rectifier, 1 A
20-Sep-11
MBR1100 VISHAY-MBR1100_12 Datasheet
118Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
10BQ100M VISHAY-10BQ100M Datasheet
111Kb / 6P
Schottky Rectifier, 1 A
29-May-12
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
Schottky Rectifier, 1 A
03-Mar-10
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
Schottky Rectifier, 1 A
21-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com