Electronic Components Datasheet Search
  English  ▼

X  

MBR160 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MBR160
Description  Schottky Rectifier, 1 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR160 Datasheet(HTML) 4 Page - Vishay Siliconix

  MBR160 Datasheet HTML 1Page - Vishay Siliconix MBR160 Datasheet HTML 2Page - Vishay Siliconix MBR160 Datasheet HTML 3Page - Vishay Siliconix MBR160 Datasheet HTML 4Page - Vishay Siliconix MBR160 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93439
4
Revision: 06-Nov-08
MBR150, MBR160
Vishay High Power Products
Schottky Rectifier, 1 A
Fig. 6 - Maximum Non-Repetitive Surge Current
ORDERING INFORMATION TABLE
Square Wave Pulse Duration - t
p
(microsec)
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
1
-
Schottky MBR series
2
-
Current rating: 1 = 1 A
3
-
Voltage rating
4
-
TR = Tape and reel package (5000 pcs)
None = Box package (1000 pcs)
50 = 50 V
60 = 60 V
Device code
13
24
MBR
1
60
TR
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95241
Part marking information
http://www.vishay.com/doc?95304
Packaging information
http://www.vishay.com/doc?95308



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com