Electronic Components Datasheet Search
  English  ▼

X  

TEA2164 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA2164
Description  SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2164 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA2164 Datasheet HTML 1Page - STMicroelectronics TEA2164 Datasheet HTML 2Page - STMicroelectronics TEA2164 Datasheet HTML 3Page - STMicroelectronics TEA2164 Datasheet HTML 4Page - STMicroelectronics TEA2164 Datasheet HTML 5Page - STMicroelectronics TEA2164 Datasheet HTML 6Page - STMicroelectronics TEA2164 Datasheet HTML 7Page - STMicroelectronics TEA2164 Datasheet HTML 8Page - STMicroelectronics TEA2164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TEA2164
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GROUND
I COPY
LONG CAPACITOR OV ERLOAD CAPACITO R
SUBSTRATE
PULSE INPUT
OSCILLATOR TIMING RESISTOR
OSCILLATOR TIMING CAPACITOR
SUBSTRATE
V
SUPPLY VOLTAGE
OUTPUT STAGE POSITIVE SUPPLY VOLTAGE
OUTPUT (BASE CURRENT)
SUBSTRATE
I
SENSE
LOW FREQUENCY OSCILLATOR CAPACITOR
FEEDBACK INPUT IS BURST MODE
SUBSTRATE
CC
C (max.)
PIN CONNECTIONS
POWERDIP16
(Plastic Package)
ORDER CODE : TEA2164
.
POSITIVE AND NEGATIVE OUTPUT CUR-
RENT UP TO 1.2A AND – 1.7A
.
A TWO LEVEL COLLECTOR CURRENT LIMI-
TATION
.
COMPLETE TURN OFF AFTER LONG DURA-
TION OVERLOADS
.
UNDER AND OVER VOLTAGE LOCK-OUT
.
SOFT START BY PROGRESSIVE CURRENT
LIMITATION
.
DOUBLE PULSE SUPPRESSION
.
BURST MODE OPERATION UNDER STAND-
BY CONDITIONS
DESCRIPTION
In a master slave architecture, the TEA2164 control
IC achieves the slave function. Primarily designed
for TV receivers and monitors applications, this
circuit provides an easy synchronization and smart
solution for low power stand by operation.
Located at the primary side the TEA2164 Control
IC ensures :
- the power supply start-up
- the power supply control under stand-by condi-
tions
- the process of the regulation signals sent by the
master circuit located at the secondary side
- directbase drive of the bipolar switching transistor
- the protection of the transistor and the power
supply under abnormal conditions.
For more details, refer to application note AN409.
1/15


Similar Part No. - TEA2164

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Jan-1998
More results

Similar Description - TEA2164

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
Integrated Circuit Switch Mode Power Supply Controller
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
Sep-1993
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA2164S STMICROELECTRONICS-TEA2164S Datasheet
161Kb / 16P
SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Jan-1998
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com