Electronic Components Datasheet Search
  English  ▼

X  

TEA2164 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2164
Description  SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2164 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2164 Datasheet HTML 1Page - STMicroelectronics TEA2164 Datasheet HTML 2Page - STMicroelectronics TEA2164 Datasheet HTML 3Page - STMicroelectronics TEA2164 Datasheet HTML 4Page - STMicroelectronics TEA2164 Datasheet HTML 5Page - STMicroelectronics TEA2164 Datasheet HTML 6Page - STMicroelectronics TEA2164 Datasheet HTML 7Page - STMicroelectronics TEA2164 Datasheet HTML 8Page - STMicroelectronics TEA2164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RECOMMANDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Positive Power Supply
10
14
V
V–
Negative Power Supply (absolute value) (note 1)
0
5
V
VCC – V–
Total Power Supply
18
V
Iout+
Positive Output Current
1.2
A
Iout–
Negative Output Current
1.7
A
Fsw
Switching Frequency
50
khz
Ro
Oscillator Resistor Range
30
150
k
Ω
Co
Oscillator Capacitor Range
470
2700
pF
C1
Starting Oscillator Capacitor Range
0.1
4.7
µF
C2
Repetitive Overload Protection Capacitor
1
22
µF
Vin
Input Pulses Amplitude (peak) (derivated pulses - time constant = 1
µs)
0.5
1
V
Toper
Operating Ambiant Temperature
– 20
70
°C
12
13
45
1
14
TEA2164
TEA2164
5
13
12
4
14
1
-
CC
V
<0
B
I
B
I> 0
<0
B
I
capacitive
coupling
I
<0
B
I
-
CC
V
B
I
ELECTRICAL OPERATING CHARACTERISTICS
Tamb =25
oC, VCC = 10V, VCC- = 0V, potentials referenced to ground (Pin 1)
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
POWER SUPPLY
VCC (start)
Starting Voltage (VCC increasing)
8
9
9.6
V
VCC (stop)
Stopping Voltage (VCC decreasing)
5
6.2
7.4
V
∆VCC
Hysteresis (VCC start – VCC stop)
2
2.8
3.5
V
Vccmax
Overvoltage Lock-out
14.8
15.5
16.2
V
Iccstart
Starting Positive Supply Current
0.5
0.8
1.5
mA
CURRENT LIMITATION AND PROTECTION (pin 11)
VCM1
Pulse by Pulse Current Limitation Threshold
720
840
970
mV
VCM2
Current Monitoring 2nd Threshold
1200
1350
1500
mV
∆VCM
∆VCM = VCM2 – VCM1
300
500
700
mV
REPETITIV E OVERCURRENT PROTECTION
VCM3
Repetitive Overcurrent Threshold (pin 11)
700
900
1100
mV
VCM3-VCM1
(VCM3-VCM1)
– 20
50
130
mV
VC2
Lock-out Voltage on Pin 3
2.4
3
3.6
V
I3 disch
Capacitor C2 Discharge Current (synchronized mode)
10
20
30
µA
I3 ch.
Capacitor C2 Charge Current
50
80
110
µA
OSCILLATOR, MAX DUTY CYCLE, SYNCHRONIZATION
To
Oscillator Initial Accuracy RT = 50 K, CT = 1 nF
19.3
21
22.7
µs
Ton(max)
Maximum Duty Cycle (Tsyn = 1.05 To)60
70
85
%
TEA2164
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com