Electronic Components Datasheet Search
  English  ▼

X  

PRV6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PRV6
Description  Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6 Datasheet(HTML) 1 Page - Vishay Siliconix

  PRV6 Datasheet HTML 1Page - Vishay Siliconix PRV6 Datasheet HTML 2Page - Vishay Siliconix PRV6 Datasheet HTML 3Page - Vishay Siliconix PRV6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Fully Sealed Potentiometers Cermet (PRV6)
Conductive Plastic (PARV6)
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51035
124
See also: Application notes
Revision: 29-Jun-06
PRV6, PARV6
Vishay Sfernice
FEATURES
• PRV6 high power rating 1.5 Watt at 70 °C
• PARV6 0.75 Watt at 70 °C
• CECC 41300
• Military performances
• Low cost
• Fully sealed and panel sealed
• Compatible RV6 (MIL R 94)
• Mechanical life 50 000 cycles
RoHS
COMPLIANT
DIMENSIONS in millimeters
See ordering information for quotation
TAPERS
Tapers A - L - F - are measured between the wiper (2) and the ccw
terminal (1).
Conic nut
wrench 8 (3/16")
B
Ø 6.5
(0.256")
Ø 2.5
(0.098")
5
(0.200")
C
L
B
0.8
(0.031")
Ø 6.35 (1/4")
32 Threads/inch
Ø 3.17 (1/8")
A
0.8 x 0.3
(0.031" x 0.12)
Ø 12.7 (1/2")
5.08
(0.200")
Ø 7.2
Ø 2.6
Ø D = M7 × 0.75
Ø d = 4
5C
L
B
0.8
0.8 (0.031")
Ø 12.7 (1/2")
5.08
(0.200")
1.6 x 0.3
(0.063 x 0.012)
a
(1)
b
(2)
(3)
c
CW
F
A
L
90 %
Vs
Ve
%
50 %
20 %
10 %
25
°
50
°
75
°
15
°
15
°
Electrical travel 270
°
Mechanical travel 300
°
Shafts and bushings: 6 - 61 - 62
Panel cutout
PCB pins
W option
Solder lugs
CIRCUIT DIAGRAM
Locking shaft H option:
61H - 62H
61LCH - 62LCH
Shaft Dia 4 mm: 6Q - 61Q - 61QH
VARIATION LAWS
PRV cermet PRV6
PARV conductive plastic PARV6
Terminal options available
on all types


Similar Part No. - PRV6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
15-Apr-02
PRV6 VISHAY-PRV6 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
PRV6 VISHAY-PRV6 Datasheet
205Kb / 7P
Fully Sealed Potentiometer Cermet or Conductive Plastic
15-Jun-2022
PRV61HCD VISHAY-PRV61HCD Datasheet
167Kb / 3P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
15-Apr-02
PRV61HCK VISHAY-PRV61HCK Datasheet
167Kb / 3P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
15-Apr-02
More results

Similar Description - PRV6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
15-Apr-02
248 VISHAY-248 Datasheet
97Kb / 3P
1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
02-Jul-07
P10 VISHAY-P10 Datasheet
115Kb / 4P
3/8" Square Potentiometers Cermet Fully Sealed
02-Jul-07
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13 VISHAY-P13 Datasheet
117Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
PRV6 VISHAY-PRV6_17 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
PRV6 VISHAY-PRV6_V01 Datasheet
205Kb / 7P
Fully Sealed Potentiometer Cermet or Conductive Plastic
15-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com