Electronic Components Datasheet Search
  English  ▼

X  

PRV6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRV6
Description  Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6 Datasheet(HTML) 2 Page - Vishay Siliconix

  PRV6 Datasheet HTML 1Page - Vishay Siliconix PRV6 Datasheet HTML 2Page - Vishay Siliconix PRV6 Datasheet HTML 3Page - Vishay Siliconix PRV6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRV6, PARV6
Fully Sealed Potentiometers Cermet (PRV6)
Conductive Plastic (PARV6)
Vishay Sfernice
Document Number: 51035
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 29-Jun-06
See also: Application notes
125
ELECTRICAL SPECIFICATIONS
PRV6
PARV6
Resistive Element
cermet
conductive plastic
Electrical Travel
270° ±15°
270° ± 15°
Resistance Range
Linear Law (A)
20
Ω to 10 MΩ
1 k
Ω to 1 MΩ
Non Linear Laws (F-L)
470
Ω to 1 MΩ
470
Ω to 500 kΩ (± 20 %)
Tolerance
Standard
± 20 % ± 10 %
± 20 %
On Request
± 5 %
± 10 % (1 k
Ω to100 kΩ )
Power Rating at + 70 °C
Linear
1.5 W
0.75 W
Other Tapers
0.75 W
0.4 W
Temperature Coefficient
± 100 ppm/°C
± 1000 ppm/°C
Limiting Element Voltage
350 V
350 V
Contact Resist. Variation CRV
2 % or 3
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength
1750 VRMS (2000 VRMS on request)
Insulation Resistance (500 VDC)
106 M
Ω
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque
0.5 to 2 Ncm
or
0.7 to 3 oz.in.
End Stop Torque max
35 Ncm
or
3 lb.in.
Tightening Torque max
150 Ncm
or
13 lb.in
ENVIRONMENTAL SPECIFICATIONS
PRV6
PARV6
Temperature Range
- 55 °C to + 125 °C - 40 °C to + 125 °C
Climatic Category
55/125/56
40/125/56
Sealing
fully sealed container
IP67 and panel sealed
POWER RATING CHART
0
40
125
0.75
0
AMBIENT TEMPERATURE IN DEGREES CELSIUS
70
60
20
100
80
PRV6 linear law
PARV6 linear law
PRV6 non linear law
0.4
1.50
PARV6 non linear law
PERFORMANCE
CECC 41 300 and/or MIL R 94
TYPICAL VALUES AND DRIFTS
TESTS
CONDITIONS
ΔRT
RT
(%) REQUIREMENTS
ΔR1-2
R1-2
(%)
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Load Life
1000 h at rated power
90'/30' - temperature 70 °C
± 10 %
CRV < 7 % Rn
± 1 %
CRV < 3 % Rn
Climatic Sequence
Phase A dry heat 100 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 10 %
± 10 %
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
± 10 %
± 10 %
± 0.5 %
± 1 %
Insulation resist. > 100 M
Ω
Insulation resist. > 104 M
Ω
Rapid Temperature Change
5 cycles - 55 °C at + 125 °C
± 3 %
± 0.5 %
Vibration
10 g 55 to 2000 Hz
2 h each direction
± 2 %
no CUT > 0.1 ms ± 5 %
± 0.1 %
± 0.2
%
Shock
100 g 6 ms 20 shocks
± 2 %
± 5 %
± 0.1 %
± 0.2 %
Rotational Life
50 000 cycles
± 10 %
CRV < 7 % Rn
± 3 %
CRV < 2 % Rn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com