Electronic Components Datasheet Search
  English  ▼

X  

TEA5170 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA5170
Description  SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5170 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA5170 Datasheet HTML 1Page - STMicroelectronics TEA5170 Datasheet HTML 2Page - STMicroelectronics TEA5170 Datasheet HTML 3Page - STMicroelectronics TEA5170 Datasheet HTML 4Page - STMicroelectronics TEA5170 Datasheet HTML 5Page - STMicroelectronics TEA5170 Datasheet HTML 6Page - STMicroelectronics TEA5170 Datasheet HTML 7Page - STMicroelectronics TEA5170 Datasheet HTML 8Page - STMicroelectronics TEA5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
oC, VCC = 12V, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC MONITOR
VSTART
Turn-on Threshold
3.60
4
4.40
V
VHYST
Hysteresis Voltage
100
mV
VSTOP
Turn-off Threshold
3.50
V
TOTAL DEVICE
ICC
Supply Current
RT = 100k
Ω ± 0%, CT = 1.2nf ± 0%
No Load on Pin 3, VCC = 12V
712
25
mA
GENERAL DESCRIPTION
The TEA5170 takes place in the secondary part of
an isolated off-line SMPS. During normal mode
operation, it sends pulses to the slave circuit lo-
cated in the primary side (TEA2164, TEA2260/61)
through a pulse transformer to achieve a very
precisely regulated voltage by duty cycle control.
The main blocs of the circuit are :
- an error voltage amplifier
- an RC oscillator
- an output stage
-a VCC monitor
- a voltage reference bloc
- a pulse width modulator
- two logic blocs
- a soft start and Duty cycle limiting bloc
PRINCIPLE OF OPERATION
The TEA5170 sends pulses continuously to the
slave circuit in order to insure a proper behaviour
of the primary side.
- According to this, the output duty cycle is varying
between DON (min.) (0.05) and DON (max.) (0.75) :
then even in case of open load, pulses are still
sent to the slave circuit.
MASTER
CIRCUIT
SLAVE
CIRCUIT
PWM
MASTER-SLAVE ARCHITECTURE
Figure 1 : Basic Concept
ASYNCHRONIZED MODE (Figure 2)
The regulated voltage image is compared to 2V
vol-tage reference. The error voltage amplifier out-
put and the RC oscillator voltage ramp are applied
to the internal Pulse Width Modulator Inputs.
The PWM logic Output is connected to a logic bloc
which behaves like a RS latch, sets by the PWM
output and resets when Ct downloading occurs.
Finally, the push-pull output bloc delivers square
wave signal whom output leading edge occurs
during Ct uploading time, and output trailing edge
at Ct downloading time end. The duty cycle is
limited to 75% of oscillator period as maximum
value and to Ct downloading time/oscillator period
as minimum value (Figure 2).
OSCILLATOR RAMP
V1
POWER OUTPUT
V
T1
t max.
T2 = Ton min.
V2
Ton max.
Figure 2
SYNCHRONIZED MODE (see Figure 3)
The TEA5170 will enter the Synchronized Mode
when it receives one pulse through Rt during Ct
discharge.
At that time Ct charging current will be multiplied
by 0.75 and period will increase up to To x 1.26.
A pulse occuring during the synchro window, com-
mands the Ct downloading. If none, the TEA5170
will return to normal mode at the end of the period.
TEA5170
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com