Electronic Components Datasheet Search
  English  ▼

X  

TEA5170 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA5170
Description  SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5170 Datasheet(HTML) 6 Page - STMicroelectronics

  TEA5170 Datasheet HTML 1Page - STMicroelectronics TEA5170 Datasheet HTML 2Page - STMicroelectronics TEA5170 Datasheet HTML 3Page - STMicroelectronics TEA5170 Datasheet HTML 4Page - STMicroelectronics TEA5170 Datasheet HTML 5Page - STMicroelectronics TEA5170 Datasheet HTML 6Page - STMicroelectronics TEA5170 Datasheet HTML 7Page - STMicroelectronics TEA5170 Datasheet HTML 8Page - STMicroelectronics TEA5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STARTING
When VCC is under 4V, output pulses are not
allowed and the slave circuit keeps its own mode.
When VCC is going over 4V, output pulses are sent
via the pulse transformer (or an optical device) to
the slave circuit which is synchronizing and enter-
ing the slaved mode. Output pulses can be shut
down only if VCC goes below 3.8 Volt.
SOFT START
Using Csf, it is possible to make a soft start se-
quence. When VCC grows from 0V to 4V, voltage
on Csf equals 0V. When VCC is higher than 4V, Csf
is loaded by a 3.7
µA current, then TonMAX (Vcsf)
will vary linearly from Tonmin to Tonmax according
to Csfst bias.
When VCC will go low (3.8 Volt threshold), Csf will
be downloaded by an internal transistor.
minimum
12
4
3.2
t
t
Duty cycle
t
2
maximum
V
(V)
CC
CSF
V
(V)
D on max.
D on min.
Figure 6 : Soft-Start Sequence
VCC
1mA
3 Pout
1mA
from logic
Figure 7 : Electrical Schematic
POWER OUTPUT STAGE
TEA5170
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com