Electronic Components Datasheet Search
  English  ▼

X  

TEA6422 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA6422
Description  BUS-CONTROLLED AUDIO MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6422 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA6422 Datasheet HTML 1Page - STMicroelectronics TEA6422 Datasheet HTML 2Page - STMicroelectronics TEA6422 Datasheet HTML 3Page - STMicroelectronics TEA6422 Datasheet HTML 4Page - STMicroelectronics TEA6422 Datasheet HTML 5Page - STMicroelectronics TEA6422 Datasheet HTML 6Page - STMicroelectronics TEA6422 Datasheet HTML 7Page - STMicroelectronics TEA6422 Datasheet HTML 8Page - STMicroelectronics TEA6422 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2003
1/10
TEA6422
BUS-CONTROLLED AUDIO MATRIX
s
6 Stereo Inputs
s
3 Stereo Ouputs
s
Gain Control 0 dB/Mute for each Output
s
Cascadable (2 different addresses)
s
Serial Bus Controlled
s
Very Low Noise
s
Very Low Distorsion
s
Fully ESD Protected
s
Wide Audio Dynamic Range ( 3 VRMS)
DESCRIPTION
The TEA6422 switches 6 stereo audio inputs on 3
stereo outputs.
All the switching possibilities are changed through
the I2C BUS.
Figure 1. PIN CONNECTIONS
SHRINK DIP24
(Shrink Plastic Package)
ORDER CODE: TEA6422
SO28
(Plastic Monopackage)
ORDER CODE: TEA6422D
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
24
23
22
21
11
12
GND
CAPACITANCE
L1
L2
L3
L4
L5
LOUT1
ROUT1
SDA
SCL
ADDR
R1
R2
R3
R4
R5
V S
L6
LOUT2
R6
ROUT3
LOUT3
ROUT2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
24
23
22
21
11
12
25
13
14
28
27
26
SDA
SCL
ADDR
R1
R2
R3
NC
NC
R4
R5
R6
ROUT3
LOUT3
ROUT2
LOUT2
ROUT1
LOUT1
L6
L5
L4
NC
NC
L3
L2
L1
GND
CAPACITANCE
V
S
SDIP24
SO28
1


Similar Part No. - TEA6422

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
152Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6420D STMICROELECTRONICS-TEA6420D Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6425 STMICROELECTRONICS-TEA6425 Datasheet
152Kb / 9P
VIDEO CELLULAR MATRIX
May-1996
More results

Similar Description - TEA6422

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7310 STMICROELECTRONICS-TDA7310 Datasheet
129Kb / 15P
SERIAL BUS CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7311 STMICROELECTRONICS-TDA7311 Datasheet
78Kb / 11P
SERIAL BUS CONTROLLED AUDIO PROCESSOR
Jul-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Jan-1996
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
BUS-CONTROLLED VIDEO MATRIX SWITCH
Aug-1992
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
logo
STMicroelectronics
STV6415A STMICROELECTRONICS-STV6415A Datasheet
197Kb / 15P
I²C bus-controlled video matrix switch
28-Aug-2008
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
BUS-CONTROLLED AUDIO MATRIX SWITCH
Feb-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com