Electronic Components Datasheet Search
  English  ▼

X  

TEA6422 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA6422
Description  BUS-CONTROLLED AUDIO MATRIX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6422 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA6422 Datasheet HTML 2Page - STMicroelectronics TEA6422 Datasheet HTML 3Page - STMicroelectronics TEA6422 Datasheet HTML 4Page - STMicroelectronics TEA6422 Datasheet HTML 5Page - STMicroelectronics TEA6422 Datasheet HTML 6Page - STMicroelectronics TEA6422 Datasheet HTML 7Page - STMicroelectronics TEA6422 Datasheet HTML 8Page - STMicroelectronics TEA6422 Datasheet HTML 9Page - STMicroelectronics TEA6422 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TEA6422
6/10
Figure 3. Distorsion Level versus Input Voltage
Figure 4. Supply Voltage Rejection versus
Frequency ( VIN = 500 mVRMS)
Figure 5. Clipping Level versus Supply Voltage
0.1
0.08
0.06
0.04
0.02
0
2.4
2.5
2.6
2.7
2.8
2.9
3.0
dis (%)
VIN (V RMS )
V
= 10 V
f = 1 kHz
T
= 25 °C
S
amb
98
95
92
89
86
83
80
77
74
SVR (dB)
freq (kHz)
V= 10 V
S
0.05
0.5
5
20
3.5
2.1
2.7
2.3
2.5
2.9
3.1
3.3
7.5
8
8.5
9
9.5
10
10.5
11
V(V)
S
VVRMS
clipp (
)
dis = 0.3%
f = 1 kHz
Tamb = 25 °C
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com