Electronic Components Datasheet Search
  English  ▼

X  

ST333SP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST333SP
Description  Inverter Grade Thyristors (Stud Version), 330 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333SP Datasheet(HTML) 6 Page - Vishay Siliconix

  ST333SP Datasheet HTML 1Page - Vishay Siliconix ST333SP Datasheet HTML 2Page - Vishay Siliconix ST333SP Datasheet HTML 3Page - Vishay Siliconix ST333SP Datasheet HTML 4Page - Vishay Siliconix ST333SP Datasheet HTML 5Page - Vishay Siliconix ST333SP Datasheet HTML 6Page - Vishay Siliconix ST333SP Datasheet HTML 7Page - Vishay Siliconix ST333SP Datasheet HTML 8Page - Vishay Siliconix ST333SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94377
6
Revision: 30-Apr-08
ST333SP Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 330 A
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
80
100
120
140
160
180
200
220
240
260
280
300
320
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST333SSeries
T = 125 °C
J
TM
20
40
60
80
100
120
140
160
180
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST333SSeries
T = 125 °C
J
TM
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
200
500
Snubb er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
2000
ST333SSeries
Sinusoidal pulse
T = 50°C
C
1E4
tp
3000
5000
1E1
1E2
1E3
1E4
50 Hz
400
100
Pulse Basewidth (µs)
1000
1500
200
500
Snubb er circuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST333SSeries
Sinusoida l pulse
T = 75°C
C
tp
1E1
2000
2500
3000
1E1
1E2
1E3
1E4
1E11E2
1E31E4
100
1500
200
Pulse Basewidth (µs)
2500
400
1000
50 Hz
500
Snub b er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST333SSeries
Trapezoidal pulse
T = 50°C
di/ d t = 50A/ µs
C
1E4
2000
3000
1E1
1E2
1E3
1E4
50 Hz
400
100
1000
1500
200
Pulse Basewidth (µs)
500
Snub ber c ircuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST333SSeries
Tra pezoidal pulse
T = 75°C
di/ dt = 50A/µs
C
2000
2500
3000
1E1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com