Electronic Components Datasheet Search
  English  ▼

X  

ST333SP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST333SP
Description  Inverter Grade Thyristors (Stud Version), 330 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333SP Datasheet(HTML) 7 Page - Vishay Siliconix

  ST333SP Datasheet HTML 1Page - Vishay Siliconix ST333SP Datasheet HTML 2Page - Vishay Siliconix ST333SP Datasheet HTML 3Page - Vishay Siliconix ST333SP Datasheet HTML 4Page - Vishay Siliconix ST333SP Datasheet HTML 5Page - Vishay Siliconix ST333SP Datasheet HTML 6Page - Vishay Siliconix ST333SP Datasheet HTML 7Page - Vishay Siliconix ST333SP Datasheet HTML 8Page - Vishay Siliconix ST333SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94377
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
7
ST333SP Series
Inverter Grade Thyristors
(Stud Version), 330 A
Vishay High Power Products
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-State Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
200
Pulse Basewidth (µs)
2000
Snub ber circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
ST333SSeries
Trapezoid al pulse
T = 50°C
di/ dt = 100A/ µs
C
tp
1E4
500
3000
1E1
1E2
1E3
1E4
50 Hz
400
100
1000
1500
200
Pulse Basewidth (µs)
Snub ber c irc uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
2000
ST333SSeries
Trapezoidal pulse
T = 75°C
di/ dt = 100A/ µs
C
tp
500
1E1
2500
3000
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
Pulse Basewid th (µs)
20 joules p er pulse
2
1
0.5
10
5
3
0.3
ST333SSeries
Sinusoidal pulse
tp
1E4
0.2
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joulesp er pulse
2
1
0.5
10
5
ST333SSeries
Rectangular pulse
di/ dt = 50A/ µs
tp
1E1
3
0.4
0.3
0.2
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a )
(1)
(2)
Instantaneous Gate Current (A)
Rec tangular gate pulse
a) Rec ommended load line for
b) Recommended load line for
<=30%rated di/ dt : 10V, 10ohms
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5ms
(4) PGM = 60W, tp = 3.3ms
(3)
Device: ST333SSeries
(4)
Frequency Limited by PG(AV)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com