Electronic Components Datasheet Search
  English  ▼

X  

TZM5259B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TZM5259B
Description  Small Signal Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5259B Datasheet(HTML) 1 Page - Vishay Siliconix

  TZM5259B Datasheet HTML 1Page - Vishay Siliconix TZM5259B Datasheet HTML 2Page - Vishay Siliconix TZM5259B Datasheet HTML 3Page - Vishay Siliconix TZM5259B Datasheet HTML 4Page - Vishay Siliconix TZM5259B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TZM5221B to TZM5267B
Document Number 85609
Rev. 1.5, 21-Mar-06
Vishay Semiconductors
www.vishay.com
1
17205
Small Signal Zener Diodes
Features
• Very sharp reverse characteristic
• Very high stability
• Electrical data identical with the devices
1N5221B...1N5267B
• Low reverse current level
•VZ - tolerance ± 5 %
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Voltage stabilization
Mechanical Data
Case: MiniMELF Glass case SOD80
Weight: approx. 31 mg
Packaging codes/ options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
RthJA < 300 K/W
Ptot
500
mW
Z-current
IZ
Ptot/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air on PC board 50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA
VF
1.1
V
e2


Similar Part No. - TZM5259B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5259B VISHAY-TZM5259B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
logo
TAITRON Components Inco...
TZM5259B TAITRON-TZM5259B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZM5259B VISHAY-TZM5259B Datasheet
78Kb / 4P
Small Signal Zener Diodes
29-Nov-11
TZM5259B VISHAY-TZM5259B Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5259B VISHAY-TZM5259B Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results

Similar Description - TZM5259B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
Small Signal Zener Diodes
15-Mar-06
TZM VISHAY-TZM Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
MMSZ5245B-V-GS08 VISHAY-MMSZ5245B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
1N5242BTR VISHAY-1N5242BTR Datasheet
99Kb / 6P
Small Signal Zener Diodes
06-May-13
TLZ5V6B-GS08 VISHAY-TLZ5V6B-GS08 Datasheet
110Kb / 8P
Small Signal Zener Diodes
26-Jun-12
BZX84-V_SERIES VISHAY-BZX84-V_SERIES Datasheet
114Kb / 8P
Small Signal Zener Diodes
08-Dec-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
Small Signal Zener Diodes
27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
TZM5242B-GS08 VISHAY-TZM5242B-GS08 Datasheet
76Kb / 4P
Small Signal Zener Diodes
22-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com