Electronic Components Datasheet Search
  English  ▼

X  

TZM5259B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TZM5259B
Description  Small Signal Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5259B Datasheet(HTML) 3 Page - Vishay Siliconix

  TZM5259B Datasheet HTML 1Page - Vishay Siliconix TZM5259B Datasheet HTML 2Page - Vishay Siliconix TZM5259B Datasheet HTML 3Page - Vishay Siliconix TZM5259B Datasheet HTML 4Page - Vishay Siliconix TZM5259B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TZM5221B to TZM5267B
Document Number 85609
Rev. 1.5, 21-Mar-06
Vishay Semiconductors
www.vishay.com
3
1) Based on dc-measurement at thermal equilibrium; case temperature maintained at 30 °C ± 2 °C.
Package Dimensions in mm (Inches)
TZM5265B
62
185
< 1400
2
0.25
< 0.1
47
< + 0.097
TZM5266B
68
230
< 1600
1.8
0.25
< 0.1
52
< + 0.097
TZM5267B
75
270
< 1700
1.7
0.25
< 0.1
56
< + 0.098
Partnumber
Zener
Voltage
Range1)
Dynamic Resistance
Test Current
Reverse Leakage Current
Temperature
Coefficient
VZ
rzjT at IZT
rzjK at IZK
IZT
IZK
IR at VR
TKVZ
V
Ω
Ω
mA
mA
µA
V
%/K
typ
typ
typ
96 12070
3.7 (0.146)
3.3 (0.130)
0.47 max. (0.019)
Cathode indification
2.5 (0.098) max
5.0 (0.197) ref
1.25 (0.049) min
Document no.: 6.560-5005.01-4
Rev. 7 - Date: 07.February.2005
foot print recommendation:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com