Electronic Components Datasheet Search
  English  ▼

X  

USB2244I Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB2244I
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244I Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB2244I Datasheet HTML 3Page - SMSC Corporation USB2244I Datasheet HTML 4Page - SMSC Corporation USB2244I Datasheet HTML 5Page - SMSC Corporation USB2244I Datasheet HTML 6Page - SMSC Corporation USB2244I Datasheet HTML 7Page - SMSC Corporation USB2244I Datasheet HTML 8Page - SMSC Corporation USB2244I Datasheet HTML 9Page - SMSC Corporation USB2244I Datasheet HTML 10Page - SMSC Corporation USB2244I Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
SMSC USB2244/USB2244i
7
Revision 1.0 (05-27-08)
DATASHEET
Chapter 2 Block Diagram
Figure 2.1 USB2244/USB2244i Block Diagram
SIE
CTL
FMDU
CTL
8051
PROCESSOR
SFR
RAM
RAM
USB
Host
AUTO_
CBW
PROC
PHY
FMI
XDATA BRIDGE
+ BUS ARBITER
BUS
INTFC
BUS
INTFC
BUS
INTFC
EP0 TX
EP0 RX
EP2 TX
EP2 RX
EP1 RX
EP1 TX
ROM
64KB
RAM
10KB
ADDR
MAP
GPIOs
Program
Memory
I/O Bus
7 pins
Clock
Generation and
Control
4K
total
PWR_FET1
GPIO10(CARD_PWR)
SD/
MMC
Media
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com