Electronic Components Datasheet Search
  English  ▼

X  

USB2244I Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB2244I
Description  Ultra Fast USB 2.0 SD/MMC Flash Media Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2244I Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB2244I Datasheet HTML 4Page - SMSC Corporation USB2244I Datasheet HTML 5Page - SMSC Corporation USB2244I Datasheet HTML 6Page - SMSC Corporation USB2244I Datasheet HTML 7Page - SMSC Corporation USB2244I Datasheet HTML 8Page - SMSC Corporation USB2244I Datasheet HTML 9Page - SMSC Corporation USB2244I Datasheet HTML 10Page - SMSC Corporation USB2244I Datasheet HTML 11Page - SMSC Corporation USB2244I Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
Datasheet
Revision 1.0 (05-27-08)
8
SMSC USB2244/USB2244i
DATASHEET
Chapter 3 Pin Table
3.1
36-Pin Package
Table 3.1 USB2244/2244i 36-Pin QFN Package
SD/MMC INTERFACE (12 Pins)
SD_D0
SD_D1
SD_D2
SD_D3
SD_D4
SD_D5
SD_D6
SD_D7
SD_CLK
SD_CMD
SD_WP
GPIO15 (SD_nCD)
USB INTERFACE (7 PINS)
USB+
USB-
RBIAS
XTAL1 (CLKIN)
XTAL2
VDDA33
VDD18PLL
MISC (13 PINS)
GPIO1 (LED1)
GPIO2 / RXD / SDA
GPIO4
GPIO7 / TXD / SCK
GPIO10 (CRD_PWR)
GPIO12
GPIO14
(4) NC
TEST
nRESET
DIGITAL, POWER (4 PINS)
(3)VDD33
VDD18
TOTAL 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com