Electronic Components Datasheet Search
  English  ▼

X  

VPR221SZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VPR221SZ
Description  Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR221SZ Datasheet(HTML) 3 Page - Vishay Siliconix

  VPR221SZ Datasheet HTML 1Page - Vishay Siliconix VPR221SZ Datasheet HTML 2Page - Vishay Siliconix VPR221SZ Datasheet HTML 3Page - Vishay Siliconix VPR221SZ Datasheet HTML 4Page - Vishay Siliconix VPR221SZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VPR221SZ (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Surface Mount Power Resistor
in TO-220 Configuration with TCR of ± 0.05 ppm/°C, PCR
of 4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63127
3
Revision: 11-Jun-07
Notes
1. Whichever is lower.
2. Heat sink chassis dimensions are requirements per MIL-R-39009/1B:
3. Inductance (L) mainly due to the leads.
4. The resolution limit of existing test requirement (within the measurement capability of the equipment, “essentially zero”).
5. µV/°C relates to EMF due to lead temperature difference.
Note
1. Measurement error ± 0.001 %
TABLE 2 - SPECIFICATIONS
Power Rating at + 25 °C
8 W or 3 A1) on heat sink2)
1.5 watts in free air
Further derating not necessary.
Current Noise
< 0.010 µV (rms)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise Time
Inductance3) (L)
Capacitance (C)
0.2 ns at 1 W
0.1 µH maximum: 0.03 µH typical
1.0 pF maximum: 0.5 pF typical
Voltage Coefficient4)
< 0.1 ppm/V
Operating Temperature Range
- 55 °C to + 150 °C
Maximum Working Voltage
300 V, Not to exceed power rating
Thermal EMF5)
0.15 µV/°C maximum (lead effect)
Weight
1.2 g maximum
DIMENSIONS
inches
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0
TABLE 3 - PERFORMANCE SPECIFICATIONS1) MIL-PRF 39009
TEST OR CONDITION
MIL-PRF 39009
TYPICAL
ΔR
MAXIMUM
ΔR
Low temperature storage 24 hours at - 55 °C
± 0.3 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Dielectric withstanding voltage 300 V AC at Atm
± 0.2 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Dielectric withstanding voltage 200 V AC at Brm
± 0.2 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Insulation resistance
> 104 M
Ω
> 104 M
Ω
Low temperature operation
± 0.3 % + 0.01
Ω
± 0.002 % (20 ppm)
± 0.008 % (80 ppm)
Short time overload 5 x rated power for 5 seconds (in air)
± 0.3 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Moisture resistance + 65 °C to - 10 °C, 90 to 98 Rh, 10 days
± 0.5 % + 0.01
Ω
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
Terminal Strength
± 0.2 % + 0.01
Ω
± 0.001 % (10 ppm)
± 0.002 % (20 ppm)
Load life 8 W at + 25 °C, 2000 hours with heat sink
± 1.0 % + 0.01
Ω
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
Load life 1.5 W at + 25 °C for 2000 hours in free air
± 1.0 % + 0.01
Ω
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
High temperature exposure + 150 °C
± 1.0 % + 0.05
Ω
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com