Electronic Components Datasheet Search
  English  ▼

X  

VPR221SZ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VPR221SZ
Description  Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR221SZ Datasheet(HTML) 4 Page - Vishay Siliconix

  VPR221SZ Datasheet HTML 1Page - Vishay Siliconix VPR221SZ Datasheet HTML 2Page - Vishay Siliconix VPR221SZ Datasheet HTML 3Page - Vishay Siliconix VPR221SZ Datasheet HTML 4Page - Vishay Siliconix VPR221SZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 63127
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 11-Jun-07
4
VPR221SZ (Z-Foil)
Ultra High Precision Z-Foil Surface Mount Power Resistor
in TO-220 Configuration with TCR of ± 0.05 ppm/°C, PCR
of 4 ppm/W and Load Life Stability of ± 0.005 % (50 ppm)
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y2123420R220T9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
2123 = VPR221SZ
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = Bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y2123 420R220 T 9 L:
TYPE: VPR221SZ
VALUE: 420.22
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VPR221SZ T 420R22 TCR0.2 T B (will continue to be used)
VPR221SZ
T
420R22
TCR0.2
T
B
MODEL
TERMINATION
OHMIC VALUE
TCR
CHARACTERISTIC
ABSOLUTE
TOLERANCE
PACKAGING
T = Lead (Pb)-free
none = Tin/Lead
420.22
Ω
TCR0.2
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = Bulk
1
234
0
R
2
2
Y2
T9
2
L
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com