Electronic Components Datasheet Search
  English  ▼

X  

T13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T13
Description  Fully Sealed Container Square or Round Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T13 Datasheet(HTML) 3 Page - Vishay Siliconix

  T13 Datasheet HTML 1Page - Vishay Siliconix T13 Datasheet HTML 2Page - Vishay Siliconix T13 Datasheet HTML 3Page - Vishay Siliconix T13 Datasheet HTML 4Page - Vishay Siliconix T13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51022
58
See also: Application notes
Revision: 06-Jul-06
T12, T13
Vishay Sfernice Fully Sealed Container Square or Round Cermet Trimmers
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Load Life
1000 hours at rated power
90’/30’ - ambient temperature 70 °C
± 1 %
± 2 %
Contact res. variation: < 2 % Rn
Climatic Sequence
Phase A dry heat 100 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
40 °C
93 % RH
± 0.5 %
± 1 %
Dielectric strength: 1000 V RMS
Insulation resistance: > 104 M
Ω
Rapid Temperature Change
5 cycles
- 55 °C at + 125 °C
± 0.5 %
ΔV1-2
ΔV1-3
≤ ± 1 %
Shock
50 g at 11 m secs
3 successive shocks
in 3 directions
± 0.1 %
± 0.5 %
Vibration
10 - 55 Hz
0.75 mm or 10 g
during 6 hours
± 0.1 %
ΔV1-2
ΔV1-3
≤ ± 0.5 %
Rotational Life
200 cycles
± 1 %
Contact res. variation: < 2 % Rn
MARKING
Printed:
- VISHAY trademark
- series
- ohmic value (in
Ω, kΩ, MΩ)
- tolerance (in %)
- manufacturing date
- marking of terminal: (1, 2, 3)
STANDARD RESISTANCE ELEMENT DATA
STAN-
DARD
RESIS-
TANCE
VALUES
LINEAR LAW
LOG LAWS
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CUR.
Ω
WV
mA
W
V
mA
ppm/°C
22
47
14.69
6.85
213.2
145.8
0
+ 200
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
4.7M
10M
1
0.56
0.26
0.12
0.05
0.02
0.01
10
14.8
21.6
31.6
46.9
68.5
100
148.3
216.7
316.2
350
350
350
350
350
350
100
67.4
46.1
31.6
21.3
14.5
10
6.7
4.6
3.16
1.59
0.75
0.35
0.16
0.07
0.03
0.5
0.5
0.26
0.12
22.4
33.2
48.5
79.7
105
153
224
332
350
350
22.4
15.1
10.3
7.07
4.77
3.26
2.24
1.51
0.74
0.35
± 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com