Electronic Components Datasheet Search
  English  ▼

X  

T13 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T13
Description  Fully Sealed Container Square or Round Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T13 Datasheet(HTML) 4 Page - Vishay Siliconix

  T13 Datasheet HTML 1Page - Vishay Siliconix T13 Datasheet HTML 2Page - Vishay Siliconix T13 Datasheet HTML 3Page - Vishay Siliconix T13 Datasheet HTML 4Page - Vishay Siliconix T13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 51022
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
59
T12, T13
Fully Sealed Container Square or Round Cermet Trimmers Vishay Sfernice
PACKAGING
– Plastic box of 50 pieces for T13Y and BL50
– Carton box of 50 pieces for T12Y and T12X, code BO50
ORDERING INFORMATION
T12
SERIES
X
STYLE
B
ON REQUEST
22 k
Ω
OHMIC VALUE
± 20 %
TOLERANCE
A
RESISTANC
BO50
PACKAGING
e3
LEAD FINISH
T12
X
LOCKING DEVICE
LAWS
Version T12X, Y: BO50
T13
Y
Version T13Y: BL50
e3: pure Sn
SAP PART NUMBERING GUIDELINES
T1
2
X
B
2
2
3
M
A
B2
5
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
LO-
KING DEVICE
LAW
T1
MODEL
23
M
A
B
2
5
OHMIC
VALUE
TOL
PACKAGING
CODE
LAW
2
3
STYLE
X
SPECIAL
(IF APPLICABLE)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com