Electronic Components Datasheet Search
  English  ▼

X  

GDZ-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GDZ-V
Description  Small Signal Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDZ-V Datasheet(HTML) 2 Page - Vishay Siliconix

  GDZ-V Datasheet HTML 1Page - Vishay Siliconix GDZ-V Datasheet HTML 2Page - Vishay Siliconix GDZ-V Datasheet HTML 3Page - Vishay Siliconix GDZ-V Datasheet HTML 4Page - Vishay Siliconix GDZ-V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85766
Rev. 1.5, 17-May-06
GDZ-V-Series
Vishay Semiconductors
Electrical Characteristics
Notes:
(1) The Zener voltage V(Z) is measured 40 ms after power is supplied.
(2) The operating resistance (ZZ, ZZK) are measured by superimposing a 1 KHz alternating current on the regulated current (IZ).
Partnumber
Marking
Code
Zener Voltage
Subdivision
Operating
Resistance
Rising
Operating
Resistance
Test Current
Reverse Current
VZ at IZT1
VZ at IZT1
ZZ at IZT1
ZZK at IZT2
IZT1
IZT2
IR
at VR
V
V
Ω
mA
mA
µA
V
min
max
max
max
GDZ2V0B-V
0 2
2.020
2.200
100
1000
5
0.5
120
0.5
GDZ2V2B-V
1 2
2.220
2.410
100
1000
5
0.5
120
0.7
GDZ2V4B-V
2 2
2.430
2.630
100
1000
5
0.5
120
1.0
GDZ2V7B-V
3 2
2.690
2.910
110
1000
5
0.5
100
1.0
GDZ3V0B-V
4 2
3.010
3.220
120
1000
5
0.5
50
1.0
GDZ3V3B-V
5 2
3.320
3.530
120
1000
5
0.5
20
1.0
GDZ3V6B-V
6 2
3.600
3.845
100
1000
5
1.0
10
1.0
GDZ3V9B-V
7 2
3.890
4.160
100
1000
5
1.0
5.0
1.0
GDZ4V3B-V
8 2
4.170
4.430
100
1000
5
1.0
5.0
1.0
GDZ4V7B-V
9 2
4.550
4.750
100
800
5
0.5
2.0
1.0
GDZ5V1B-V
T 1
4.980
5.200
80
500
5
0.5
2.0
1.0
GDZ5V6B-V
T 2
5.490
5.730
60
200
5
0.5
1.0
2.5
GDZ6V2B-V
T 3
6.060
6.330
60
100
5
0.5
1.0
3.0
GDZ6V8B-V
T 4
6.650
6.930
40
60
5
0.5
0.5
3.5
GDZ7V5B-V
T 5
7.280
7.600
30
60
5
0.5
0.5
4.0
GDZ8V2B-V
T 6
8.020
8.360
30
60
5
0.5
0.5
5.0
GDZ9V1B-V
T 7
8.850
9.230
30
60
5
0.5
0.5
6.0
GDZ10B-V
T 8
9.770
10.210
30
60
5
0.5
0.1
7.0
GDZ11B-V
T 9
10.760
11.220
30
60
5
0.5
0.1
8.0
GDZ12B-V
T A
11.740
12.240
30
80
5
0.5
0.1
9.0
GDZ13B-V
T B
12.910
13.490
37
80
5
0.5
0.1
10.0
GDZ15B-V
T C
14.340
14.980
42
80
5
0.5
0.1
11.0
GDZ16B-V
T D
15.850
16.510
50
80
5
0.5
0.1
12.0
GDZ18B-V
T E
17.560
18.350
65
80
5
0.5
0.1
13.0
GDZ20B-V
T H
19.520
20.390
85
100
5
0.5
0.1
15.0
GDZ22B-V
T K
21.540
22.470
100
100
5
0.5
0.1
17.0
GDZ24B-V
T L
23.720
24.780
120
120
5
0.5
0.1
19.0
GDZ27B-V
T M
26.190
27.530
150
150
5
0.5
0.1
21.0
GDZ30B-V
T N
29.190
30.690
200
200
5
0.5
0.1
23.0
GDZ33B-V
T P
32.150
33.790
250
250
5
0.5
0.1
25.0
GDZ36B-V
T T
35.070
36.870
300
300
5
0.5
0.1
27.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com