Electronic Components Datasheet Search
  English  ▼

X  

GDZ-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GDZ-V
Description  Small Signal Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDZ-V Datasheet(HTML) 3 Page - Vishay Siliconix

  GDZ-V Datasheet HTML 1Page - Vishay Siliconix GDZ-V Datasheet HTML 2Page - Vishay Siliconix GDZ-V Datasheet HTML 3Page - Vishay Siliconix GDZ-V Datasheet HTML 4Page - Vishay Siliconix GDZ-V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GDZ-V-Series
Document Number 85766
Rev. 1.5, 17-May-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C unless otherwise specified
Package Dimensions in mm (Inches): SOD323
Figure 1. Zener Voltage Temperature Coefficient vs. Zener
Voltage
Zener Voltage V
Z (V)
028
16
20 24
32
4
8
12
36
- 0.06
- 0.08
- 0.04
- 0.02
0
0.02
0.06
0.04
0.08
0.10
0.12
19964
0.25 (0.010) min
1.95 (0.077)
1.60 (0.063)
2.85 (0.112)
2.50 (0.098)
cathode bar
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
foot print recommendation:
Document no.: S8-V-3910.02-001 (4)
Rev. 03 - Date: 08.November 2004
17443



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com