Electronic Components Datasheet Search
  English  ▼

X  

BZX85C13 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BZX85C13
Description  Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C13 Datasheet(HTML) 5 Page - Vishay Siliconix

  BZX85C13 Datasheet HTML 1Page - Vishay Siliconix BZX85C13 Datasheet HTML 2Page - Vishay Siliconix BZX85C13 Datasheet HTML 3Page - Vishay Siliconix BZX85C13 Datasheet HTML 4Page - Vishay Siliconix BZX85C13 Datasheet HTML 5Page - Vishay Siliconix BZX85C13 Datasheet HTML 6Page - Vishay Siliconix BZX85C13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BZX85-Series
Document Number 85607
Rev. 1.8, 31-May-07
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in millimeters (inches)
Figure 7. Breakdown Characteristics
Figure 8. Breakdown Characteristics
0
1234567
8
9
1011 121314 15 V
0
40
80
120
160
200
240
mA
I
Z
V
Z
T
j = 25 °C
4V7
3V9
5V6
6V8
8V2
10
12
18456
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
18457
T
j = 25 °C
15
18
22
27
33
39
47
0
94 9368



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com