Electronic Components Datasheet Search
  English  ▼

X  

BZX85C13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZX85C13
Description  Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C13 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX85C13 Datasheet HTML 1Page - Vishay Siliconix BZX85C13 Datasheet HTML 2Page - Vishay Siliconix BZX85C13 Datasheet HTML 3Page - Vishay Siliconix BZX85C13 Datasheet HTML 4Page - Vishay Siliconix BZX85C13 Datasheet HTML 5Page - Vishay Siliconix BZX85C13 Datasheet HTML 6Page - Vishay Siliconix BZX85C13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BZX85-Series
Document Number 85607
Rev. 1.8, 31-May-07
Vishay Semiconductors
www.vishay.com
1
17173
Zener Diodes
Features
• Silicon Planar Power Zener Diodes
• For use in stabilizing and clipping circuits
with high power rating
• The Zener voltages are graded according to the
international E 24 standard. Replace suffix "C"
with "B" for ± 2 % tolerance
• Lead (Pb)-free component
• Component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• Voltage stabilization
Mechanical Data
Case: DO41 Glass case
Weight: approx. 310 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/5 k per 13" reel (52 mm tape), 25 k/box
TAP/5 k per ammo pack (52 mm tape), 25 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Parameter
Test condition
Symbol
Value
Unit
Zener current
(see Table "Electrical Characteristics")
Power dissipation
Ptot
1.31)
W
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
1101)
K/W
Junction temperature
Tj
175
°C
Storage temperature
Tstg
- 55 to + 175
°C
e2


Similar Part No. - BZX85C13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C13 VISHAY-BZX85C13 Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX85C13 FAIRCHILD-BZX85C13 Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C13 EIC-BZX85C13 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C13 GOOD-ARK-BZX85C13 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
BZX85C13 FAIRCHILD-BZX85C13 Datasheet
53Kb / 5P
Zeners
More results

Similar Description - BZX85C13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com