Electronic Components Datasheet Search
  English  ▼

X  

TJ7 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TJ7
Description  Inductors Toroid, High Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ7 Datasheet(HTML) 6 Page - Vishay Siliconix

  TJ7 Datasheet HTML 1Page - Vishay Siliconix TJ7 Datasheet HTML 2Page - Vishay Siliconix TJ7 Datasheet HTML 3Page - Vishay Siliconix TJ7 Datasheet HTML 4Page - Vishay Siliconix TJ7 Datasheet HTML 5Page - Vishay Siliconix TJ7 Datasheet HTML 6Page - Vishay Siliconix TJ7 Datasheet HTML 7Page - Vishay Siliconix TJ7 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TJ
Vishay Dale
Inductors, Toroid, High Current
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34079
54
Revision: 18-Apr-06
* The DC current values listed are typical values that drop the nominal inductance by the percent listed.
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CUR-
RENT
(Amps)
NOM.
IND.
at 0 DC
AMPS
(µH)
INDUCTANCE SHIFT WITH DC CURRENT*
LEAD
DIAMETER
“A”
10 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
20 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
30 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
40 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
TJ8-XX
6.8
± 20 %
0.009
18.5
6.40
13.06
4.90
21.10
4.35
30.14
3.81
39.18
3.26
0.051 [1.30]
TJ8-XX
8.2
± 15 %
0.010
18.5
8.10
11.61
6.20
18.75
5.51
26.79
4.82
34.83
4.13
0.051 [1.30]
TJ8-XX
10.0
± 15 %
0.011
18.5
10.00
10.45
7.65
16.88
6.80
24.11
5.95
31.35
5.10
0.051 [1.30]
TJ8-XX
12.0
± 15 %
0.012
18.0
12.10
9.50
9.26
15.34
8.23
21.92
7.20
28.50
6.17
0.051 [1.30]
TJ8-XX
15.0
± 20 %
0.013
17.3
14.40
8.71
11.02
14.07
9.79
20.09
8.57
26.12
7.34
0.051 [1.30]
TJ8-XX
18.0
± 20 %
0.014
16.6
16.90
8.04
12.93
12.98
11.49
18.55
10.06
24.11
8.62
0.051 [1.30]
TJ8-XX
22.0
± 15 %
0.015
15.5
22.50
6.97
17.21
11.25
15.30
16.07
13.39
20.90
11.48
0.051 [1.30]
TJ8-XX
27.0
± 15 %
0.016
15.0
25.60
6.53
19.58
10.55
17.41
15.07
15.23
19.59
13.06
0.051 [1.30]
TJ8-XX
33.0
± 15 %
0.017
14.1
32.40
5.80
24.79
9.38
22.03
13.40
19.28
17.41
16.52
0.051 [1.30]
TJ8-XX
39.0
± 15 %
0.019
13.4
40.00
5.22
30.60
8.44
27.20
12.06
23.80
15.67
20.40
0.051 [1.30]
TJ8-XX
47.0
± 15 %
0.021
12.8
48.40
4.75
37.03
7.67
32.91
10.96
28.80
14.25
24.68
0.051 [1.30]
TJ8-XX
56.0
± 15 %
0.022
12.2
57.60
4.35
44.06
7.03
39.17
10.05
34.27
13.06
29.38
0.051 [1.30]
TJ8-XX
68.0
± 15 %
0.024
11.7
67.60
4.02
51.71
6.49
45.97
9.27
40.22
12.06
34.48
0.051 [1.30]
TJ8-XX
82.0
± 15 %
0.025
11.1
84.10
3.60
64.34
5.82
57.19
8.31
50.04
10.81
42.89
0.051 [1.30]
TJ8-XX 100.0 ± 15 %
0.027
10.6
102.40
3.27
78.34
5.27
69.63
7.53
60.93
9.80
52.22
0.051 [1.30]
TJ8-XX 120.0 ± 15 %
0.029
10.1
122.50
2.99
93.71
4.82
83.30
6.89
72.89
8.96
62.48
0.051 [1.30]
TJ8-XX 150.0 ± 15 %
0.032
9.6
152.10
2.68
116.36
4.33
103.43
6.18
90.50
8.04
77.57
0.051 [1.30]
TJ8-XX 180.0 ± 15 %
0.034
9.2
176.40
2.49
134.95
4.02
119.95
5.74
104.96
7.46
89.96
0.051 [1.30]
TJ8-XX 220.0 ± 15 %
0.036
8.7
220.90
2.22
168.99
3.59
150.21
5.13
131.44
6.67
112.66
0.051 [1.30]
TJ8-XX 270.0 ± 15 %
0.040
8.3
270.40
2.01
206.86
3.25
183.87
4.64
160.89
6.03
137.90
0.051 [1.30]
TJ8-XX 330.0 ± 15 %
0.044
7.9
324.90
1.83
248.55
2.96
220.93
4.23
193.32
5.50
165.70
0.051 [1.30]
TJ8-XX 390.0 ± 15 %
0.047
7.6
384.40
1.69
294.07
2.72
261.39
3.89
228.72
5.06
196.04
0.051 [1.30]
TJ8-XX 470.0 ± 15 %
0.053
7.2
476.10
1.51
364.22
2.45
323.75
3.49
283.28
4.54
242.81
0.051 [1.30]
TJ8-XX 560.0 ± 15 %
0.058
6.9
562.50
1.39
430.31
2.25
382.50
3.21
334.69
4.18
286.88
0.051 [1.30]
TJ8-XX 680.0 ± 15 %
0.064
6.6
672.40
1.27
514.39
2.06
457.23
2.94
400.08
3.82
342.92
0.051 [1.30]
TJ8-XX 820.0 ± 15 %
0.071
6.2
828.10
1.15
633.50
1.85
563.11
2.65
492.72
3.44
422.33
0.051 [1.30]
TJ8-XX 1000.0 ± 15 %
0.077
6.0
1000.0
1.04
765.00
1.69
680.00
2.41
595.00
3.13
510.00
0.051 [1.30]
TJ8-XX 1200.0 ± 15 %
0.104
5.1
1210.00
0.95
925.65
1.53
822.80
2.19
719.95
2.85
617.10
0.045 [1.14]
TJ8-XX 1500.0 ± 15 %
0.118
4.9
1488.40
0.86
1138.63
1.38
1012.11
1.98
885.60
2.57
759.08
0.045 [1.14]
TJ8-XX 1800.0 ± 15 %
0.159
4.2
1795.60
0.78
1373.63
1.26
1221.01
1.80
1068.38
2.34
915.76
0.040 [1.02]
TJ8-XX 2200.0 ± 15 %
0.179
4.0
2190.40
0.71
1675.66
1.14
1489.47
1.63
1303.29
2.12
1117.10 0.040 [1.02]
TJ8-XX 2700.0 ± 15 %
0.203
3.9
2689.60
0.64
2057.54
1.03
1828.93
1.47
1600.31
1.91
1371.70 0.040 [1.02]
TJ8-XX 3300.0 ± 15 %
0.277
3.3
3312.40
0.57
2533.99
0.93
2252.43
1.32
1970.88
1.72
1689.32 0.036 [0.914]
TJ8-XX 3900.0 ± 15 %
0.304
3.2
3880.90
0.53
2968.89
0.86
2639.01
1.22
2309.14
1.59
1979.26 0.036 [0.914]
TJ9-XX
1.5
± 15 %
0.004
20.0
1.44
50.35
1.10
81.33
0.98
116.18
0.86
151.04
0.73
0.064 [1.63]
TJ9-XX
2.7
± 15 %
0.005
20.0
2.56
37.76
1.96
61.00
1.74
87.14
1.52
113.28
1.31
0.064 [1.63]
TJ9-XX
3.9
± 15 %
0.006
20.0
4.00
30.21
3.06
48.80
2.72
69.71
2.38
90.62
2.04
0.064 [1.63]
TJ9-XX
5.6
± 15 %
0.007
20.0
5.76
25.17
4.41
40.66
3.92
58.09
3.43
75.52
2.94
0.064 [1.63]
TJ9-XX
8.2
± 15 %
0.008
20.0
7.84
21.58
6.00
34.85
5.33
49.79
4.66
64.73
4.00
0.064 [1.63]
TJ9-XX
10.0
± 15 %
0.009
20.0
10.24
18.88
7.83
30.50
6.96
43.57
6.09
56.64
5.22
0.064 [1.63]
TJ9-XX
12.0
± 20 %
0.010
20.0
12.96
16.78
9.91
27.11
8.81
38.73
7.71
50.35
6.61
0.064 [1.63]
TJ9-XX
15.0
± 20 %
0.011
20.0
16.00
15.10
12.24
24.40
10.88
34.85
9.52
45.31
8.16
0.064 [1.63]
TJ9-XX
18.0
± 20 %
0.012
20.0
19.36
13.73
14.81
22.18
13.16
31.69
11.52
41.19
9.87
0.064 [1.63]
TJ9-XX
22.0
± 20 %
0.013
20.0
23.04
12.59
17.63
20.33
15.67
29.05
13.71
37.76
11.75
0.064 [1.63]
TJ9-XX
27.0
± 15 %
0.014
20.0
27.04
11.62
20.69
18.77
18.39
26.81
16.09
34.85
13.79
0.064 [1.63]
TJ9-XX
33.0
± 15 %
0.015
20.0
31.36
10.79
23.99
17.43
21.32
24.90
18.66
32.37
15.99
0.064 [1.63]
TJ9-XX
39.0
± 20 %
0.016
20.0
40.96
9.44
31.33
15.25
27.85
21.78
24.37
28.32
20.89
0.064 [1.63]
TJ9-XX
47.0
± 15 %
0.017
20.0
46.24
8.88
35.37
14.35
31.44
20.50
27.51
26.65
23.58
0.064 [1.63]
TJ9-XX
56.0
± 15 %
0.018
19.9
57.76
7.95
44.19
12.84
39.28
18.34
34.37
23.85
29.46
0.064 [1.63]
TJ9-XX
68.0
± 15 %
0.019
19.0
70.56
7.19
53.98
11.62
47.98
16.60
41.98
21.58
35.99
0.064 [1.63]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com