Electronic Components Datasheet Search
  English  ▼

X  

TJ7 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TJ7
Description  Inductors Toroid, High Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ7 Datasheet(HTML) 3 Page - Vishay Siliconix

  TJ7 Datasheet HTML 1Page - Vishay Siliconix TJ7 Datasheet HTML 2Page - Vishay Siliconix TJ7 Datasheet HTML 3Page - Vishay Siliconix TJ7 Datasheet HTML 4Page - Vishay Siliconix TJ7 Datasheet HTML 5Page - Vishay Siliconix TJ7 Datasheet HTML 6Page - Vishay Siliconix TJ7 Datasheet HTML 7Page - Vishay Siliconix TJ7 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TJ
Inductors, Toroid, High Current
Vishay Dale
Document Number: 34079
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 18-Apr-06
51
* The DC current values listed are typical values that drop the nominal inductance by the percent listed.
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(µH)
TOL.
NOM.
DCR
(Ohms)
RATED
CUR-
RENT
(Amps)
NOM.
IND.
at 0 DC
AMPS
(µH)
INDUCTANCE SHIFT WITH DC CURRENT*
LEAD
DIAMETER
“A”
10 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
20 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
30 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
40 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
TJ4-XX
1.2
± 20 %
0.006
10.7
1.09
8.75
0.83
14.14
0.74
20.20
0.65
26.26
0.55
0.032 [0.813]
TJ4-XX
1.5
± 20 %
0.006
10.2
1.57
7.29
1.20
11.78
1.06
16.83
0.93
21.88
0.80
0.032 [0.813]
TJ4-XX
2.2
± 15 %
0.007
9.7
2.13
6.25
1.63
10.10
1.45
14.43
1.27
18.75
1.09
0.032 [0.813]
TJ4-XX
2.7
± 15 %
0.008
9.5
2.78
5.47
2.13
8.84
1.89
12.62
1.66
16.41
1.42
0.032 [0.813]
TJ4-XX
3.3
± 20 %
0.009
8.8
3.52
4.86
2.70
7.85
2.40
11.22
2.10
14.59
1.80
0.032 [0.813]
TJ4-XX
4.7
± 20 %
0.010
8.5
4.35
4.38
3.33
7.07
2.96
10.10
2.59
13.13
2.22
0.032 [0.813]
TJ4-XX
5.6
± 20 %
0.010
8.3
5.26
3.98
4.03
6.43
3.58
9.18
3.13
11.93
2.68
0.032 [0.813]
TJ4-XX
6.8
± 20 %
0.011
8.1
6.26
3.65
4.79
5.89
4.26
8.42
3.73
10.94
3.19
0.032 [0.813]
TJ4-XX
8.2
± 15 %
0.013
7.8
8.53
3.13
6.52
5.05
5.80
7.21
5.07
9.38
4.35
0.032 [0.813]
TJ4-XX
10.0
± 15 %
0.013
7.4
9.79
2.92
7.49
4.71
6.66
6.73
5.82
8.75
4.99
0.032 [0.813]
TJ4-XX
12.0
± 20 %
0.015
7.1
12.57
2.57
9.62
4.16
8.55
5.94
7.48
7.72
6.41
0.032 [0.813]
TJ4-XX
15.0
± 20 %
0.017
6.8
15.70
2.30
12.01
3.72
10.68
5.31
9.34
6.91
8.01
0.032 [0.813]
TJ4-XX
18.0
± 15 %
0.017
6.7
17.40
2.19
13.31
3.53
11.83
5.05
10.35
6.56
8.87
0.032 [0.813]
TJ4-XX
22.0
± 15 %
0.019
6.5
21.05
1.99
16.11
3.21
14.32
4.59
12.53
5.97
10.74
0.032 [0.813]
TJ4-XX
27.0
± 15 %
0.021
6.1
27.19
1.75
20.80
2.83
18.49
4.04
16.18
5.25
13.87
0.032 [0.813]
TJ4-XX
33.0
± 15 %
0.024
5.8
34.10
1.56
26.09
2.52
23.19
3.61
20.29
4.69
17.39
0.032 [0.813]
TJ4-XX
39.0
± 15 %
0.025
5.7
39.15
1.46
29.95
2.36
26.62
3.37
23.29
4.38
19.97
0.032 [0.813]
TJ4-XX
47.0
± 15 %
0.028
5.5
47.37
1.33
36.24
2.14
32.21
3.06
28.19
3.98
24.16
0.032 [0.813]
TJ4-XX
56.0
± 15 %
0.031
5.2
56.38
1.22
43.13
1.96
38.34
2.81
33.54
3.65
28.75
0.032 [0.813]
TJ4-XX
68.0
± 15 %
0.040
4.6
66.16
1.12
50.62
1.81
44.99
2.59
39.37
3.37
33.74
0.029 [0.737]
TJ4-XX
82.0
± 15 %
0.045
4.4
80.43
1.02
61.53
1.64
54.69
2.35
47.86
3.05
41.02
0.029 [0.737]
TJ4-XX 100.0 ± 15 %
0.062
3.7
100.22
0.91
76.67
1.47
68.15
2.10
59.63
2.73
51.11
0.025 [0.635]
TJ4-XX 120.0 ± 15 %
0.070
3.5
122.19
0.83
93.48
1.33
83.09
1.91
72.70
2.48
62.32
0.025 [0.635]
TJ4-XX 150.0 ± 15 %
0.079
3.3
151.42
0.74
115.84
1.20
102.97
1.71
90.10
2.23
77.23
0.025 [0.635]
TJ4-XX 180.0 ± 15 %
0.105
2.9
178.18
0.68
136.30
1.10
121.16
1.58
106.01
2.05
90.87
0.023 [0.584]
TJ4-XX 220.0 ± 15 %
0.118
2.7
219.28
0.62
167.75
1.00
149.11
1.42
130.47
1.85
111.83 0.023 [0.584]
TJ4-XX 270.0 ± 15 %
0.162
2.3
271.48
0.55
207.68
0.89
184.61
1.28
161.53
1.66
138.46 0.020 [0.508]
TJ4-XX 330.0 ± 15 %
0.181
2.2
329.25
0.50
251.88
0.81
223.89
1.16
195.90
1.51
167.92 0.020 [0.508]
TJ4-XX 390.0 ± 15 %
0.243
1.9
392.59
0.46
300.33
0.74
266.96
1.06
233.59
1.38
200.22 0.018 [0.457]
TJ4-XX 470.0 ± 15 %
0.269
1.8
470.50
0.42
359.93
0.68
319.94
0.97
279.95
1.26
239.95 0.018 [0.457]
TJ4-XX 560.0 ± 15 %
0.297
1.7
555.45
0.39
424.92
0.63
377.71
0.89
330.49
1.16
283.28 0.018 [0.457]
TJ4-XX 680.0 ± 15 %
0.406
1.4
679.69
0.35
519.96
0.57
462.19
0.81
404.41
1.05
346.64 0.016 [0.406]
TJ4-XX 820.0 ± 15 %
0.452
1.3
816.45
0.32
624.59
0.52
555.19
0.74
485.79
0.96
416.39 0.016 [0.406]
TJ4-XX 1000.0 ± 15 %
0.617
1.1
1005.02
0.29
768.84
0.47
683.42
0.66
597.99
0.86
512.56 0.014 [0.356]
TJ4-XX 1200.0 ± 15 %
0.684
1.0
1198.69
0.26
916.99
0.43
815.11
0.61
713.22
0.79
611.33 0.014 [0.356]
TJ4-XX 1500.0 ± 15 %
0.952
0.9
1504.93
0.24
1151.27
0.38
1023.35
0.54
895.43
0.71
767.51 0.013 [0.330]
TJ5-XX
1.2
± 20 %
0.006
10.1
1.15
10.63
0.88
17.18
0.78
24.54
0.68
31.90
0.59
0.032 [0.813]
TJ5-XX
1.5
± 25 %
0.007
9.5
1.66
8.86
1.27
14.32
1.13
20.45
0.99
26.59
0.84
0.032 [0.813]
TJ5-XX
2.2
± 15 %
0.008
9.0
2.25
7.60
1.72
12.27
1.53
17.53
1.34
22.79
1.15
0.032 [0.813]
TJ5-XX
2.7
± 25 %
0.009
8.6
2.94
6.65
2.25
10.74
2.00
15.34
1.75
19.94
1.50
0.032 [0.813]
TJ5-XX
3.9
± 15 %
0.010
8.2
3.73
5.91
2.85
9.54
2.53
13.63
2.22
17.72
1.90
0.032 [0.813]
TJ5-XX
4.7
± 15 %
0.010
7.9
4.60
5.32
3.52
8.59
3.13
12.27
2.74
15.95
2.35
0.032 [0.813]
TJ5-XX
5.6
± 15 %
0.011
7.7
5.57
4.83
4.26
7.81
3.78
11.16
3.31
14.50
2.84
0.032 [0.813]
TJ5-XX
6.8
± 15 %
0.012
7.5
6.62
4.43
5.07
7.16
4.50
10.23
3.94
13.29
3.38
0.032 [0.813]
TJ5-XX
8.2
± 15 %
0.013
7.3
7.77
4.09
5.95
6.61
5.29
9.44
4.63
12.27
3.96
0.032 [0.813]
TJ5-XX
10.0
± 15 %
0.015
7.0
10.35
3.54
7.92
5.73
7.04
8.18
6.16
10.63
5.28
0.032 [0.813]
TJ5-XX
12.0
± 15 %
0.016
6.9
11.78
3.32
9.01
5.37
8.01
7.67
7.01
9.97
6.01
0.032 [0.813]
TJ5-XX
15.0
± 15 %
0.017
6.6
14.90
2.95
11.40
4.77
10.13
6.82
8.87
8.86
7.60
0.032 [0.813]
TJ5-XX
18.0
± 15 %
0.019
6.4
18.40
2.66
14.08
4.29
12.51
6.14
10.95
7.98
9.38
0.032 [0.813]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com