Electronic Components Datasheet Search
  English  ▼

X  

THDT58S1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # THDT58S1
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT58S1 Datasheet(HTML) 7 Page - STMicroelectronics

  THDT58S1 Datasheet HTML 1Page - STMicroelectronics THDT58S1 Datasheet HTML 2Page - STMicroelectronics THDT58S1 Datasheet HTML 3Page - STMicroelectronics THDT58S1 Datasheet HTML 4Page - STMicroelectronics THDT58S1 Datasheet HTML 5Page - STMicroelectronics THDT58S1 Datasheet HTML 6Page - STMicroelectronics THDT58S1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGE MECHANICAL DATA.
SIP 3 Plastic
ORDER CODE
THDT 58
S
1
BREAKDOWN VOLTAGE
ASYMETRICAL TRISIL
Packaging : Standard packaging is in antistatic tubes
Weight : 0.55g
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1998 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Type
Marking
THDT58S
THDT58S
THDT58S1
THDT58S1
MARKING
B
I
e
L
b1
e3
c1
A
a2
a1
b2
Z
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
7.10
0.280
a1
2.80
0.110
a2
1.50
1.90 0.059
0.075
B
10.15
0.400
b1
0.50
0.020
b2
1.35
1.75 0.053
0.069
c1
0.38
0.50 0.015
0.020
e
2.54
0.100
e3
7.62
0.200
I
10.50
0.413
L
3.30
0.130
Z
1.50
0.059
Package :
S = SIP3
35A VERSION
THDT58S / THDT58S1
7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com