Electronic Components Datasheet Search
  English  ▼

X  

THDT58S1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # THDT58S1
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT58S1 Datasheet(HTML) 2 Page - STMicroelectronics

  THDT58S1 Datasheet HTML 1Page - STMicroelectronics THDT58S1 Datasheet HTML 2Page - STMicroelectronics THDT58S1 Datasheet HTML 3Page - STMicroelectronics THDT58S1 Datasheet HTML 4Page - STMicroelectronics THDT58S1 Datasheet HTML 5Page - STMicroelectronics THDT58S1 Datasheet HTML 6Page - STMicroelectronics THDT58S1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
THDT58S1
THDT58S
Unit
IPP
Peak pulse current (see note 1)
10/1000
µs
8/20
µs
2/10
µs
35
70
80
75
150
A
ITSM
Non repetitive surge peak on-state
current (F = 50Hz)
t = 20 ms
20
30
A
dV/dt
Critical rate of rise of off-state
voltage
67% VBR
5
kV/
µs
Tstg
Tj
Storage temperature range
Maximum operating junction temperature
-55 to +150
+150
-40 to +150
+150
°C
°C
TL
Maximum lead temperature for soldering
during 10s
260
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
80
°C/W
THERMAL RESISTANCES
100
50
%I
PP
t
t
rp
0
t
Note 1 : Pulse waveform :
10/1000
µstr=10µstp=1000µs
5/310
µstr=5µstp=310µs
2/10
µstr=2µstp=10µs
THDT58S / THDT58S1
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com