Electronic Components Datasheet Search
  English  ▼

X  

SFH6325 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6325
Description  High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6325 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6325 Datasheet HTML 1Page - Vishay Siliconix SFH6325 Datasheet HTML 2Page - Vishay Siliconix SFH6325 Datasheet HTML 3Page - Vishay Siliconix SFH6325 Datasheet HTML 4Page - Vishay Siliconix SFH6325 Datasheet HTML 5Page - Vishay Siliconix SFH6325 Datasheet HTML 6Page - Vishay Siliconix SFH6325 Datasheet HTML 7Page - Vishay Siliconix SFH6325 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 83679
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 10-Jan-08
3
SFH6325/SFH6326
High Speed Optocoupler, Dual
Channel, 1 MBd,
Transistor Output
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - LED Forward Current vs. Forward Voltage
Fig. 2 - Permissible Forward LED Current vs. Temperature
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 16 mA, VCC = 4.5 V,
VO = 0.4 V
SFH6325
CTR
5
16
%
SFH6326
CTR
19
35
%
IF = 16 mA, VCC = 4.5 V,
VO = 0.5 V
SFH6325
CTR
5
%
SFH6326
CTR
15
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High to low
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
SFH6325
tPHL
0.3
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
SFH6326
tPHL
0.2
0.8
µs
Low to high
IF = 16 mA, VCC = 5.0 V, RL = 4.1 kΩ
SFH6325
tPLH
0.6
1.5
µs
IF = 16 mA, VCC = 5.0 V, RL = 1.9 kΩ
SFH6326
tPLH
0.5
0.8
µs
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
CMTI at logic high level output
IF = 0 mA, CCM = 10 VP-P,
VCC = 5.0 V, RL = 4.1 kΩ
SFH6325
CMH
1000
V/µs
IF = 0 mA, CCM = 10 VP-P,
VCC = 5.0 V, RL = 1.9 kΩ
SFH6326
CMH
1000
V/µs
CMTI at logic low level output
IF = 16 mA, CCM = 10 VP-P,
VCC = 5.0 V, RL = 4.1 kΩ
SFH6325
CML
1000
V/µs
IF = 16 mA, CCM = 10 VP-P,
VCC = 5.0 V, RL = 1.9 kΩ
SFH6326
CML
1000
V/µs
isfh6325_03
1.7
1.6
1.5
1.4
1.3
20
15
10
5
0
VF - LED forward Voltage
25 °C
75 °C
0°C
isfh6325_04
100
80
60
40
20
0
30
20
10
0
Ambient Temperature in °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com