Electronic Components Datasheet Search
  English  ▼

X  

UG8CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG8CT
Description  Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG8CT Datasheet(HTML) 1 Page - Vishay Siliconix

  UG8CT Datasheet HTML 1Page - Vishay Siliconix UG8CT Datasheet HTML 2Page - Vishay Siliconix UG8CT Datasheet HTML 3Page - Vishay Siliconix UG8CT Datasheet HTML 4Page - Vishay Siliconix UG8CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG(F,B)8AT thru UG(F,B)8DT
Vishay General Semiconductor
Document Number: 88765
Revision: 09-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Ultrafast Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power
supplies,
inverters,
freewheeling
diodes,
dc-to-dc converters, and other power switching
application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
50 V to 200 V
IFSM
150 A
trr
20 ns
VF
0.95 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
TO-220AC
UG8xT
ITO-220AC
UGF8xT
UGB8xT
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
TO-263AB
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG8AT
UG8BT
UG8CT
UG8DT
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TC = 100 °C
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Isolation voltage (ITO-220AC only)
from terminals to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UG8CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG8CT GE-UG8CT Datasheet
41Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - UG8CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com