Electronic Components Datasheet Search
  English  ▼

X  

UG8CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG8CT
Description  Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG8CT Datasheet(HTML) 3 Page - Vishay Siliconix

  UG8CT Datasheet HTML 1Page - Vishay Siliconix UG8CT Datasheet HTML 2Page - Vishay Siliconix UG8CT Datasheet HTML 3Page - Vishay Siliconix UG8CT Datasheet HTML 4Page - Vishay Siliconix UG8CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UG(F,B)8AT thru UG(F,B)8DT
Vishay General Semiconductor
Document Number: 88765
Revision: 09-Nov-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Charateristics
0
6
8
10
12
75
50
25
0
100
125
150
175
Ambient Temperature (°C)
4
2
ResistiveorInductive Load
10
100
1000
1
100
10
T
C = 100 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
0.01
0.1
10
100
1
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 4. Typical Reverse Charateristics
Figure 5. Reverse Switching Characteristics
Figure 6. Typical Junction Capacitance
60
40
20
0
100
80
0.01
0.1
10
1
100
1000
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0
30
40
50
60
75
50
25
0
100
125
150
175
Junction Temperature (°C)
20
10
I
F = 4.0 A
V
R = 30 V
20 A/µs
50 A/µs
100 A/µs
50 A/µs
150 A/µs
20 A/µs
t
rr
Q
rr
dI/dt = 150 A/µs
dI/dt = 100 A/µs
Reverse Voltage (V)
0.1
10
1
100
100
10
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com