Electronic Components Datasheet Search
  English  ▼

X  

RT25 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT25
Description  Wirewound Rheostat/Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT25 Datasheet(HTML) 1 Page - Vishay Siliconix

  RT25 Datasheet HTML 1Page - Vishay Siliconix RT25 Datasheet HTML 2Page - Vishay Siliconix RT25 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RT25
Vishay Sfernice
Document Number: 50026
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 24-Sep-08
83
Wirewound Rheostat/Potentiometer
FEATURES
• 25 W at 25 °C
• CCTU 05-03B (PA1)
• Vitreous - RT style
DIMENSIONS in millimeters
MECHANICAL SPECIFICATIONS
Mechanical Protection
Vitreous
Mechanical Travel
300° ± 5°
Operating Torque
1 to 10 Ncm
End Stop Torque
50 Ncm
Unit Weight
80 g
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C + 320 °C
Climatic Category
CCTU 454
CEI 55/200/56
LOCKING DEVICE
This is supplied as an option.
The available spindle length is according to the panel
thickness.
Order reference: DBA6
ADAPTATION BOARD
This enables 2 point mounting instead of bush mounting. The
adaptation board is supplied as an option with 2 mounting
screws. Consequently, the available spindle length is
reduced by 9.5 mm.
ADAPTATION BOARD
PANEL CUT OUT DETAILS
PANEL CUT OUT DETAILS
RT25-PA1
7.6
Ø 10.5
2 holes Ø 5
23.5
23.5
Ø 4.5
12.5 ± 0.5
Ø 10.5
23
60°
Ø 2.2
38
25
4
M10 x 0.75
- 0
Ø 6 - 0.05
12
9 ± 1
22 ± 2
28
AS
MOUNTING SIDE
ELECTRICAL SPECIFICATIONS
Ohmic Range
1
Ω to 4.7 kΩ
Tolerance Standard
± 10 %
Power Rating
25 W at 25 °C
Variation Law
Standard
linear
On request
sectorial winding
Dielectric Strength
1000 VRMS
Insulation Resistance
103 M
Ω (500 V
CC)
1 ± 0.2
13
2 tightening screws
spanner n° 14
max. panel thickness 6.5


Similar Part No. - RT25

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT25 ADAM-TECH-RT25 Datasheet
497Kb / 16P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT25 ADAM-TECH-RT25 Datasheet
156Kb / 2P
RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
122Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT25 VISHAY-RT25 Datasheet
104Kb / 4P
Wirewound Rheostat / Potentiometer
21-Feb-2019
logo
Klein Tools, Inc.
RT250 KLEIN-RT250 Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
More results

Similar Description - RT25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com