Electronic Components Datasheet Search
  English  ▼

X  

RT25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT25
Description  Wirewound Rheostat/Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT25 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT25 Datasheet HTML 1Page - Vishay Siliconix RT25 Datasheet HTML 2Page - Vishay Siliconix RT25 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50026
84
Revision: 24-Sep-08
RT25
Vishay Sfernice
Wirewound Rheostat/Potentiometer
For any special requirement on request: spindle flats, etc.
Please supply detailed drawing.
MARKING
SFERNICE trademark, series, style, power rating in watts, ohmic value (in
Ω or kΩ), tolerance (in %), maximum current in A,
manufacturing date
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
Ω
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
mA
1
5
5000
1.5
6.12
4080
2.2
7.42
3370
3.3
9.08
2750
4.7
10.8
2300
6.8
13
1920
10
15.8
1580
15
19.4
1290
22
23.5
1070
33
28.7
870
47
34.3
730
68
41.2
605
100
50
500
150
61.2
408
220
74.2
337
330
90.8
275
470
108
230
680
130
192
1K
158
158
1.5K
194
129
2.2K
235
107
3.3K
287
87
4.7K
343
73
SPINDLES
Ø
mm
DISTANCE TO MOUNTING
PLATE mm
SCREW DRIVER
SLOT
CODE
6
22
WITH
ASF
25
WITHOUT
AM
WITH
AMF
50
WITHOUT
AL
6
22
WITHOUT
AS
DIAL CG57 (OPTION)
56
47
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
56
47
COMMAND SHAFT 29JF (OPTION)
18
Ø 7
Ø 43
21
ORDERING INFORMATION
VITREOUS
RT
25
L
ASF
2K2
10 %
B010
e
SERIES
STYLE
SPINDLE
LOCKING
DEVICE
Optional
VARIATION
LAW
SPECIAL
DESIGN
Method
N°
Optional
WINDING
Optional
SPINDLE
(Code)
for special
spindles
please
supply
detailed
drawing
OHMIC
VALUE
TOLERANCE
PACKAGING
LEAD
(Pb)-FREE
ACC
BOUTON
CADIAN
29JK
CG57
e
ACCESORIES
MODEL
TYPE
STYLE
LEAD (Pb)-FREE
SAP PART NUMBERING GUIDELINES
RT
025
ASF
2201
K
B
XXX
MODEL
STYLE
SPINDLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL DESIGN
ACCRF
BOUTON
29JF
MODEL
TYPE
STYLE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com