Electronic Components Datasheet Search
  English  ▼

X  

LSM2-T Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # LSM2-T
Description  DOSA-SMT, 30A POL DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM2-T Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button LSM2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LSM2-T/30-D12 Series
DOSA-SMT, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PERFORMANCE DATA: OUTPUT VOLTAGE = 1.8 VOLTS
MDC_LSM2_T30_D12 Series.B11 Page 9 of 12
Load Current (Amps)
56
61
66
71
76
81
86
91
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
VIN = 6 V
VIN = 12 V
VIN = 14 V
17.00
18.00
19.00
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
29.00
30.00
31.00
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (°C)
Natural Convection
100 LFM
200 LFM
300 LFM
400 LFM
Efficiency vs. Line Voltage and Load Current @ +25°C
LSM2-T/30-D12R Maximum Current Temperature Derating at Sea Level
(Vin= 12V, Transverse Airflow). Extra ground pads installed.
LSM2-T/30-D12 Maximum Current Temperature Derating at Sea Level
(Vin= 12V, Transverse Airflow). No extra ground pads.
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
29.00
30.00
31.00
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (°C)
Natural Convection
100 LFM
200 LFM
300 LFM
400 LFM
Output Ripple & Noise (Vin = 12 V, Iout = 20 A,
Cout = 10µF || 1µF, ’scope = 20 MHz BW)
Vertical = 10 mV/div., Sweep = 1µS/div.
Power-On Startup (Vin = 12 V, Iout = 25 A)
StepLoad Transient Response (Vin = 12 V, 0-15A-0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com