Electronic Components Datasheet Search
  English  ▼

X  

LSM2-T Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LSM2-T
Description  DOSA-SMT, 30A POL DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM2-T Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LSM2-T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LSM2-T/30-D12 Series
DOSA-SMT, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM2_T30_D12 Series.B11 Page 4 of 12
Performance and Functional Specifications
See Note 1
Input
Input Voltage Range
See Ordering Guide
Isolation
Not isolated. Input and output
Commons are internally connected.
Start-Up Voltage
5.6 Volts
Undervoltage Shutdown
5 Volts
Overvoltage Shutdown
None
Reflected (Back) Ripple Current (Note 2) 50 mA pk-pk
Internal Input Filter Type
Capacitive
Reverse Polarity Protection
None, see fuse information
Input Current:
Full Load Conditions
See Ordering Guide
Inrush Transient
0.4 A2Sec.
Shutdown Mode (Off, UV, OT)
5 mA
Output Short Circuit
60 mA
No Load, 5V out
210 mA
Low Line (Vin=Vmin, 5Vout)
18.9 Amps
Remote On/Off Control (Note 5)
Negative Logic (No model suffix)
ON = 0 to +0.55 V max.
(See Note 18)
OFF = +3.0V min. to +Vin max.
Current
1.3 mA max.
Output
Minimum Loading
No minimum load
Accuracy (50% load)
±1.5 % of Vnominal
Voltage Adjustment Range (Note 13)
See Ordering Guide
Overvoltage Protection (Note 20)
None
Temperature Coefficient
±0.01% per οC of Vout range
Ripple/Noise (20 MHz bandwidth)
See Ordering Guide and Note 8
Line/Load Regulation (See Tech. Notes)
See Ordering Guide and Note 10
Efficiency
See Ordering Guide
Maximum Capacitive Loading (Note 15)
Cap-ESR=0.001 to 0.01 Ohms
5,000
µF
Cap-ESR >0.01 Ohms
10,000
µF
Current Limit Inception (Note 19)
48 Amps (cold startup)
(98% of Vout setting)
42 Amps (after warm up)
Short Circuit Mode (Note 6)
Short Circuit Current Output
600 mA
Protection Method
Hiccup autorecovery upon overload
removal. (Note 17)
Short Circuit Duration
Continuous, no damage (output shorted
to ground)
Prebias Startup (Note 16)
Converter will start up if the external
output voltage is less than Vnominal.
Sequencing
Slew Rate
2V per millisecond max.
Startup delay until sequence start
10 milliseconds min.
Tracking accuracy, rising input
Vout=±100 mV of Sequence In
Tracking accuracy, falling input
Vout=±200 mV of Sequence In
Remote Sense to Vout
0.5V max. (Note 7)
Dynamic Characteristics
Dynamic Load Response
60
µSec to within ±2% of final value
(50-100-50% load step, di/dt=20A/
µSec)
Start-Up Time
10 mSec for Vout=nominal
(Vin on to Vout regulated or On/Off to Vout)
Switching Frequency
430
±30 KHz
Environmental
Calculated MTBF (4)
3,917,077 Hours
Operating Temperature Range
-40 to +85°C. (Note 9)
With derating
See Derating Curves (Note 12)
Storage Temperature Range
-55 to +125°C.
Thermal Protection/Shutdown
+115°Celsius
Relative Humidity
to 85%/+85°C, non-condensing
Physical
Outline Dimensions
See Mechanical Specifications
Weight
0.28 ounces (7.8 grams)
Electromagnetic Interference
FCC part 15, class B, EN55022 (may need
(conducted and radiated)
external filter)
Safety
Designed to meet UL/cUL 60950-1 CSA-C22.2
No. 60950-1, IEC/EN 60950-1
Absolute Maximum Ratings
Input Voltage (Continuous or transient)
+15 Volts
On/Off Control (negative logic)
Zero Volts min. to +Vin max.
Input Reverse Polarity Protection
None, see fuse section
Output Current (Note 7)
Current-limited. Devices can withstand
sustained short circuit without damage.
Storage Temperature
-55 to +125°C.
Lead Temperature (soldering 10 sec. max.)
+280°C.
Absolute maximums are stress ratings. Exposure of devices to any of these conditions may
adversely affect long-term reliability. Proper operation under conditions other than those listed in
the Performance/Functional Specifications Table is not implied nor recommended.
Specification Notes:
(1) Specifications are typical at +25°C, Vin=nominal (+12V), Vout=nominal (+5V), full load, external
caps and natural convection unless otherwise indicated. Tests at full power should supply
substantial forced airflow.
All models are tested and specified with external 0.1µF and 10 µF paralleled ceramic/tantalum
output capacitors and a 22 µF external input capacitor. All capacitors are low ESR types. These
capacitors are necessary to accommodate our test equipment and may not be required to achieve
specified performance in your applications. All models are stable and regulate within spec under
no-load conditions.
(2) Input Back Ripple Current is tested and specified over a 5 Hz to 20 MHz bandwidth. Input filter-
ing is Cin=2 x 100 µF tantalum, Cbus=1000 µF electrolytic, Lbus=1 µH.
(3) Note that Maximum Power Derating curves indicate an
average current at nominal input
voltage. At higher temperatures and/or lower airflow, the DC/DC converter will tolerate brief full
current outputs if the total RMS current over time does not exceed the Derating curve.
(4) Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-332 Method 1, Case 3,
ground fixed conditions, Tpcboard=+25°C, full output load, natural air convection.
(5) The On/Off Control may be driven with external logic or by applying appropriate external volt-
ages which are referenced to -Input Common. The On/Off Control Input should use either an
open collector/open drain transistor or logic gate which does not exceed +Vin.
(6) Short circuit shutdown begins when the output voltage degrades approximately 2% from the
selected setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com