Electronic Components Datasheet Search
  English  ▼

X  

IL66B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL66B
Description  Optocoupler, Photodarlington Output, with Internal RBE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66B Datasheet(HTML) 2 Page - Vishay Siliconix

  IL66B Datasheet HTML 1Page - Vishay Siliconix IL66B Datasheet HTML 2Page - Vishay Siliconix IL66B Datasheet HTML 3Page - Vishay Siliconix IL66B Datasheet HTML 4Page - Vishay Siliconix IL66B Datasheet HTML 5Page - Vishay Siliconix IL66B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83639
2
Rev. 1.5, 09-Nov-05
IL66B
Vishay Semiconductors
Optocoupler, Photodarlington Output,
with Internal RBE
Notes
(1) Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Total dissipation
Ptot
250
mW
Derate linearly
from 25 °C
3.3
mW/°C
Creepage path
7min mm
Clearance path
7min mm
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Solder Temperature (2)
10 s
Tsld
260
°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.01
100
µA
Capacitance
VR = 0
CO
25
pF
OUTPUT
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
60
V
Collector emitter leakage current
VCE = 50 V, IF = 0 A
ICEO
1.0
100
nA
COUPLER
Saturation voltage
IC = 10 mA
VCEsat
1.0
V
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
IF = 2.0 mA, VCE = 5.0 V
IL66B-1
CTR
200
%
IL66B-2
CTR
750
1000
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-On, Turn-Off time
VCC = 10 V, IF = 2 mA, RL = 100 Ω
ton, toff
200
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com