Electronic Components Datasheet Search
  English  ▼

X  

IL66B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL66B
Description  Optocoupler, Photodarlington Output, with Internal RBE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66B Datasheet(HTML) 3 Page - Vishay Siliconix

  IL66B Datasheet HTML 1Page - Vishay Siliconix IL66B Datasheet HTML 2Page - Vishay Siliconix IL66B Datasheet HTML 3Page - Vishay Siliconix IL66B Datasheet HTML 4Page - Vishay Siliconix IL66B Datasheet HTML 5Page - Vishay Siliconix IL66B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 83639
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 09-Nov-05
3
IL66B
Optocoupler, Photodarlington Output,
with Internal RBE
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Forward Voltage vs. Forward Current
Fig. 4 - Normalized Non-Saturated and Saturated CTRCE vs. LED
Current
Fig. 5 - Normalized Non-Saturated and Saturated CTRCE vs. LED
Current
Fig. 6 - Non-Saturated and Saturated Collector Emitter Current vs.
LED Current
Fig. 7 - High to low Propagation Delay vs. Collector Load Resistance
and LED Current
Fig. 8 - Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
iil66_01
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
T
A = - 55 °C
T
A = 100 °C
T
A = 25 °C
iil66b_02
100
10
1
0.1
0.0
0.5
1.0
1.5
2.0
VCE = 1 V
VCE = 5 V
IF - LED Current (mA)
VCE = 5 V
IF = 2 mA
Normalized to:
iil66b_03
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
10
100
1000
VCE = 5 V
VCE = 0.4 V
IF - LED Current (mA)
VCE = 5 V
IF = 10 mA
Normalized to:
1
iil66b_04
0.1
10
100
0.001
0.01
0.1
1
10
100
1000
10000
VCE = 5 V
VCE = 0.4 V
IF - LED Current (mA)
1
iil66b_05
10
15
20
0
10
20
30
40
50
220
Ω
10 K
Ω
IF - LED Current (mA)
VCC = 5 V
Vth = 1.5 V
0
5
iil66b_06
10
15
20
0
25
50
75
100
125
150
220 K
Ω
10 K
Ω
IF - LED Current (mA)
VCC = 5 V
Vth = 1.5 V
5
0
2 K
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com