Electronic Components Datasheet Search
  English  ▼

X  

IL766-2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL766-2
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766-2 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL766-2 Datasheet HTML 1Page - Vishay Siliconix IL766-2 Datasheet HTML 2Page - Vishay Siliconix IL766-2 Datasheet HTML 3Page - Vishay Siliconix IL766-2 Datasheet HTML 4Page - Vishay Siliconix IL766-2 Datasheet HTML 5Page - Vishay Siliconix IL766-2 Datasheet HTML 6Page - Vishay Siliconix IL766-2 Datasheet HTML 7Page - Vishay Siliconix IL766-2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
IL766/ ILD766
Document Number 83643
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in Inches (mm)
Figure 11. tphl vs. Forward Current
iil766_11
110
30
20
10
0
IF - LED Current - mA
R L =1k
R L = 10k
Figure 12. tplh vs. Forward Current
iil766_12
110
400
300
200
100
0
IF - LED Current - mA
R L = 10k
R L =1k
i178004
.010 (.25)
typ.
.114 (2.90)
.130 (3.0)
.130 (3.30)
.150 (3.81)
.031 (0.80) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.048 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18°
3°–9°
.300–.347
(7.62–8.81)
4°
typ.
ISO Method A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com