Electronic Components Datasheet Search
  English  ▼

X  

IL766-2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL766-2
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766-2 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL766-2 Datasheet HTML 1Page - Vishay Siliconix IL766-2 Datasheet HTML 2Page - Vishay Siliconix IL766-2 Datasheet HTML 3Page - Vishay Siliconix IL766-2 Datasheet HTML 4Page - Vishay Siliconix IL766-2 Datasheet HTML 5Page - Vishay Siliconix IL766-2 Datasheet HTML 6Page - Vishay Siliconix IL766-2 Datasheet HTML 7Page - Vishay Siliconix IL766-2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83643
Rev. 1.4, 26-Oct-04
VISHAY
IL766/ ILD766
Vishay Semiconductors
Figure 5. Normalized CTR vs. Forward Current
Figure 6. tr vs. Forward Current
Figure 7. Saturated Switching Characteristics Measurements-
Schematic and Waveform
iil766_05
.1
1
10
100
10
1
.1
.01
IF - LED Current - mA
V CE =1V
VCE =5V
Normalized @
IF =10mA
TA = 25°C
iil766_06
1
30
20
10
.0
IF - LED Current - mA
RL=1k
RL =10k
10
iil766_07
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
RL
VCC =10 V
F=10 KHz,
DF=50%
IF=2 mA
Figure 8. tfall vs. Forward Current
Figure 9. ton vs. Forward Current
Figure 10. toff vs. Forward Current
iil766_08
110
600
500
400
300
200
100
0
IF - LED Current - mA
R L =1k
R L = 10k
iil766_09
110
20
10
0
IF - LED Current - mA
R L =1k
R L = 10k
iil766_10
110
700
600
500
400
300
200
100
0
IF - LED Current - mA
R L =1k
R L = 10k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com