Electronic Components Datasheet Search
  English  ▼

X  

ILQ1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILQ1
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ1 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILQ1 Datasheet HTML 1Page - Vishay Siliconix ILQ1 Datasheet HTML 2Page - Vishay Siliconix ILQ1 Datasheet HTML 3Page - Vishay Siliconix ILQ1 Datasheet HTML 4Page - Vishay Siliconix ILQ1 Datasheet HTML 5Page - Vishay Siliconix ILQ1 Datasheet HTML 6Page - Vishay Siliconix ILQ1 Datasheet HTML 7Page - Vishay Siliconix ILQ1 Datasheet HTML 8Page - Vishay Siliconix ILQ1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 83646
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
3
ILD1/ILD2/ILD5/ILQ1/ILQ2/ILQ5
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance, junction to lead
TthJL
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector emitter leakage current
VVCE = 10 V
ICEO
5.0
50
nA
Saturation voltage, collector emitter
IC = 1.0 mA, IB = 20 µA
VCESAT
0.25
0.4
V
DC forward current gain
VCE = 10 V, IB = 20 µA
hFE
200
650
1800
DC forward current gain saturated
VCE = 0.4 V, IB = 20 µA
hFEsat
120
400
600
Thermal resistance, junction to lead
Rthjl
500
K/W
COUPLER
Capacitance (input to output)
VIO = 0 V, f = 1.0 MHz
CIO
0.8
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
(collector emitter
saturated)
IF =10 mA, VCE = 0.4 V
ILD1
CTRCEsat
75
%
ILQ1
CTRCEsat
75
%
ILD2
CTRCEsat
170
%
ILQ2
CTRCEsat
170
%
ILD5
CTRCEsat
100
%
ILQ5
CTRCEsat
100
%
Current transfer ratio
(collector emitter)
IF =10 mA, VCE = 10 V
ILD1
CTRCE
20
80
300
%
ILQ1
CTRCE
20
80
300
%
ILD2
CTRCE
100
200
500
%
ILQ2
CTRCE
100
200
500
%
ILD5
CTRCE
50
130
400
%
ILQ5
CTRCE
50
130
400
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCE = 5.0 V, RL = 75 Ω, 50 % of VPP
ILD1
IF
20
mA
ILQ1
IF
20
mA
ILD2
IF
5.0
mA
ILQ2
IF
5.0
mA
ILD5
IF
10
mA
ILQ5
IF
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com