Electronic Components Datasheet Search
  English  ▼

X  

RLU360 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RLU360
Description  Ceramic Disc Capacitors, Class 1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLU360 Datasheet(HTML) 2 Page - Vishay Siliconix

  RLU360 Datasheet HTML 1Page - Vishay Siliconix RLU360 Datasheet HTML 2Page - Vishay Siliconix RLU360 Datasheet HTML 3Page - Vishay Siliconix RLU360 Datasheet HTML 4Page - Vishay Siliconix RLU360 Datasheet HTML 5Page - Vishay Siliconix RLU360 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 22113
www.vishay.com
Revision: 31-Jan-06
21
RL.
Ceramic Disc Capacitors, Class 1
Vishay Draloric
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC DISC CAPACITORS, 500 V (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
P 100
1.0
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.5 x 5.0
5.0
0.6
Red color dot
or
Letter A
RLA910 AQ
S1R
1.1
7.5 x 5.0
RLA911 AQ
S1R
1.2
7.5 x 5.0
RLA912 AQ
S1R
1.3
7.5 x 5.0
RLA913 AQ
S1R
1.5
7.5 x 5.0
RLA915 AQ
S1R
1.6
7.5 x 5.0
RLA916 AQ
S1R
1.8
7.5 x 5.0
RLA918 AQ
S1R
2.0
7.5 x 5.0
RLA920 AQ
S1R
2.2
7.5 x 5.0
RLA922 AQ
S1R
2.4
7.5 x 5.0
RLA924 AQ
S1R
2.7
7.5 x 5.0
RLA927 AQ
S1R
3.0
7.5 x 5.0
RLA930 AQ
S1R
3.3
7.5 x 5.0
RLA933 AQ
S1R
3.6
7.5 x 5.0
RLA936 AQ
S1R
3.9
7.5 x 5.0
RLA939 AQ
S1R
4.3
10.0 x 5.0
RLA943 AQ
S1R
4.7
10.0 x 5.0
RLA947 AQ
S1R
5.1
10.0 x 5.0
RLA951 AQ
S1R
5.6
10.0 x 5.0
RLA956 AQ
S1R
6.2
10.0 x 5.0
RLA962 AQ
S1R
6.8
10.0 x 5.0
RLA968 AQ
S1R
7.5
10.0 x 5.0
RLA975 AQ
S1R
8.2
10.0 x 5.0
RLA982 AQ
S1R
9.1
14.0 x 5.0
7.5
RLA991 AQ
S1R
10
14.0 x 5.0
RLA100 AQ
S1R
CLASS 1
NP 0
1.5
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.5 x 5.0
5.0
0.6
Black color dot
or
Letter C
RLC915 AQ
S1R
1.6
7.5 x 5.0
RLC916 AQ
S1R
1.8
7.5 x 5.0
RLC918 AQ
S1R
2.0
7.5 x 5.0
RLC920 AQ
S1R
2.2
7.5 x 5.0
RLC922 AQ
S1R
2.4
7.5 x 5.0
RLC924 AQ
S1R
2.7
7.5 x 5.0
RLC927 AQ
S1R
3.0
7.5 x 5.0
RLC930 AQ
S1R
3.3
7.5 x 5.0
RLC933 AQ
S1R
3.6
7.5 x 5.0
RLC936 AQ
S1R
3.9
7.5 x 5.0
RLC939 AQ
S1R
4.3
7.5 x 5.0
RLC943 AQ
S1R
4.7
7.5 x 5.0
RLC947 AQ
S1R
5.1
7.5 x 5.0
RLC951 AQ
S1R
5.6
7.5 x 5.0
RLC956 AQ
S1R
6.2
7.5 x 5.0
RLC962 AQ
S1R
6.8
7.5 x 5.0
RLC968 AQ
S1R
7.5
7.5 x 5.0
RLC975 AQ
S1R
8.2
7.5 x 5.0
RLC982 AQ
S1R
9.1
7.5 x 5.0
RLC991 AQ
S1R
10
10.0 x 5.0
RLC100 AQ
S1R
11
10.0 x 5.0
RLC110 AQ
S1R
12
10.0 x 5.0
RLC120 AQ
S1R
13
10.0 x 5.0
RLC130 AQ
S1R
15
10.0 x 5.0
RLC150 AQ
S1R
16
14.0 x 5.0
7.5
RLC160 AQ
S1R
18
14.0 x 5.0
RLC180 AQ
S1R
20
14.0 x 5.0
RLC200 AQ
S1R
22
14.0 x 5.0
RLC220 AQ
S1R
ORDERING CODE
7th digit
Capacitance tolerance
± 0.25 pF = C
± 0.5 pF = D
± 5 % = J
± 10 % = K
10th / 11th / 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com