Electronic Components Datasheet Search
  English  ▼

X  

RLU360 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RLU360
Description  Ceramic Disc Capacitors, Class 1
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLU360 Datasheet(HTML) 3 Page - Vishay Siliconix

  RLU360 Datasheet HTML 1Page - Vishay Siliconix RLU360 Datasheet HTML 2Page - Vishay Siliconix RLU360 Datasheet HTML 3Page - Vishay Siliconix RLU360 Datasheet HTML 4Page - Vishay Siliconix RLU360 Datasheet HTML 5Page - Vishay Siliconix RLU360 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22113
22
Revision: 31-Jan-06
RL.
Vishay Draloric
Ceramic Disc Capacitors, Class 1
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC DISC CAPACITORS, 500 V (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 150
2.2
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.5 x 5.0
5.0
0.6
Orange color
dot
or
Letter P
RLP922 AQ
S1R
2.4
7.5 x 5.0
RLP924 AQ
S1R
2.7
7.5 x 5.0
RLP927 AQ
S1R
3.0
7.5 x 5.0
RLP930 AQ
S1R
3.3
7.5 x 5.0
RLP933 AQ
S1R
3.6
7.5 x 5.0
RLP936 AQ
S1R
3.9
7.5 x 5.0
RLP939 AQ
S1R
4.3
7.5 x 5.0
RLP943 AQ
S1R
4.7
7.5 x 5.0
RLP947 AQ
S1R
5.1
7.5 x 5.0
RLP951 AQ
S1R
5.6
7.5 x 5.0
RLP956 AQ
S1R
6.2
7.5 x 5.0
RLP962 AQ
S1R
6.8
7.5 x 5.0
RLP968 AQ
S1R
7.5
7.5 x 5.0
RLP975 AQ
S1R
8.2
7.5 x 5.0
RLP982 AQ
S1R
9.1
7.5 x 5.0
RLP991 AQ
S1R
10
7.5 x 5.0
RLP100 AQ
S1R
11
10.0 x 5.0
RLP110 AQ
S1R
12
10.0 x 5.0
RLP120 AQ
S1R
13
10.0 x 5.0
RLP130 AQ
S1R
15
10.0 x 5.0
RLP150 AQ
S1R
16
10.0 x 5.0
RLP160 AQ
S1R
18
10.0 x 5.0
RLP180 AQ
S1R
20
10.0 x 5.0
RLP200 AQ
S1R
22
10.0 x 5.0
RLP220 AQ
S1R
24
10.0 x 5.0
RLP240 AQ
S1R
27
14.0 x 5.0
7.5
RLP270 AQ
S1R
30
14.0 x 5.0
RLP300 AQ
S1R
33
14.0 x 5.0
RLP330 AQ
S1R
CLASS 1
N 750
3.3
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.5 x 5.0
5.0
0.6
Violet color dot
or
Letter U
RLU933 AQ
S1R
3.6
7.5 x 5.0
RLU936 AQ
S1R
3.9
7.5 x 5.0
RLU939 AQ
S1R
4.3
7.5 x 5.0
RLU943 AQ
S1R
4.7
7.5 x 5.0
RLU947 AQ
S1R
5.1
7.5 x 5.0
RLU951 AQ
S1R
5.6
7.5 x 5.0
RLU956 AQ
S1R
6.2
7.5 x 5.0
RLU962 AQ
S1R
6.8
7.5 x 5.0
RLU968 AQ
S1R
7.5
7.5 x 5.0
RLU975 AQ
S1R
8.2
7.5 x 5.0
RLU982 AQ
S1R
9.1
7.5 x 5.0
RLU991 AQ
S1R
10
7.5 x 5.0
RLU100 AQ
S1R
11
7.5 x 5.0
RLU110 AQ
S1R
12
7.5 x 5.0
RLU120 AQ
S1R
13
7.5 x 5.0
RLU130 AQ
S1R
15
7.5 x 5.0
RLU150 AQ
S1R
16
7.5 x 5.0
RLU160 AQ
S1R
18
7.5 x 5.0
RLU180 AQ
S1R
20
7.5 x 5.0
RLU200 AQ
S1R
22
7.5 x 5.0
RLU220 AQ
S1R
24
7.5 x 5.0
RLU240 AQ
S1R
27
7.5 x 5.0
RLU270 AQ
S1R
30
10.0 x 5.0
RLU300 AQ
S1R
33
10.0 x 5.0
RLU330 AQ
S1R
36
10.0 x 5.0
RLU360 AQ
S1R
39
10.0 x 5.0
RLU390 AQ
S1R
43
10.0 x 5.0
RLU430 AQ
S1R
47
10.0 x 5.0
RLU470 AQ
S1R
51
10.0 x 5.0
RLU510 AQ
S1R
56
10.0 x 5.0
RLU560 AQ
S1R
62
14.0 x 5.0
7.5
RLU620 AQ
S1R
68
14.0 x 5.0
RLU680 AQ
S1R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com