Electronic Components Datasheet Search
  English  ▼

X  

VC-490 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-490
Description  Voltage Controlled Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-490 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-490 Datasheet HTML 1Page - Vectron International, Inc VC-490 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Performance Characteristics
Description
precision 14 x 9 mm VCXO with high
frequency crystal, standard footprint.
Features
• Small SMD HFF VCXO
• 50.0MHz to 170MHz
• 3.3V supply voltage
• -20 to +70°C / -40 to 85°C
• LVPECL / HCMOS output
• Complementary outputs available
Frequency:
fo
50.0
170.0
MHz
Supply Voltage:
VCC
3.135
3.3
3.465
V
Output option A LVHCMOS:
ICC
20.0
40.0
mA
option F compl. LVPECL:
ICC
50.0
70.0
mA
Output option A
LVHCMOS
option F:
complementary. LVPECL
Output load option A:
1 kOhm // 15pF
option F:
50 Ohm
Rise/Fall Time tr/tf: option A:
tR / tF
3.0
ns
option F:
tR / tF
1.0
ns
Symmetry (Duty/Cycle):
SYM
40
60
%
Temp. stab. D - 205 -20 to +70°C:
FTEMP
-20.0
+20.0
ppm
F - 305 -40 to +85°C:
FTEMP
-30.0
+30.0
ppm
Accuracy @ +25C after reflow:
FCAL
-15.0
+15.0
ppm
Aging first year:
FFIRST
-3.0
+3.0
ppm
Aging per year thereafter:
FAGING
-2.0
+2.0
ppm
Freq. vs. supply for ±5% change:
FSUP
-3.0
+3.0
ppm
Freq. vs. load for ±10% change:
FLOAD
-1.0
+1.0
ppm
Deviation:
FPULL
±100
ppm
Control voltage:
VC
0.3
3.0
V
Transfer Function:
positive
Linearity:
Lin
±10
%
Storage Temperature:
TS
-45
+95
°C
Package Size:
13.8 x 9.1 x 5.5 mm
Parameter
Symbol
Minimum
Typical
Maximum
Units
Voltage Controlled Crystal Oscillators
VC-490/495
8798_AA's Vectron
05/30/02
3:11 PM
Page 18


Similar Part No. - VC-490

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-400 VECTRON-VC-400 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
VC-400-CCB-205G155.52 VECTRON-VC-400-CCB-205G155.52 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
VC-400-CCC-205G155.52 VECTRON-VC-400-CCC-205G155.52 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
VC-400-CCC-405H155.52 VECTRON-VC-400-CCC-405H155.52 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
VC-400-CCD-305J155.52 VECTRON-VC-400-CCD-305J155.52 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
More results

Similar Description - VC-490

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
logo
Vectron International, ...
SGUGLA44.736 VECTRON-SGUGLA44.736 Datasheet
147Kb / 2P
Voltage Controlled Crystal Oscillators
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
Voltage Controlled Crystal Oscillators
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
Voltage Controlled Crystal Oscillators
GDF63 MERCURY-GDF63 Datasheet
122Kb / 1P
Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
Voltage Controlled Crystal Oscillators
KV7050C-P3 KSS-KV7050C-P3_18 Datasheet
65Kb / 1P
Voltage Controlled Crystal Oscillators
KV7050G-P3 KSS-KV7050G-P3_18 Datasheet
65Kb / 1P
Voltage Controlled Crystal Oscillators
KV7050L KSS-KV7050L Datasheet
65Kb / 1P
Voltage Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com