Electronic Components Datasheet Search
  English  ▼

X  

VC-490 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-490
Description  Voltage Controlled Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-490 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-490 Datasheet HTML 1Page - Vectron International, Inc VC-490 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
VC-490/495
Option A outline drawing/pad layout
Ordering Information
Pin
Function
1
Control Voltage
2
GND, Case
3
RF Output
4
Supply voltage
Option F outline drawing/pad layout
Pin Out Information, VC-490
Pin
Function
1
Control Voltage
2
N.C. (Output Enable/Disable)
3
GND, Case
4
RF Output
5
Complementary RF-output
6
Supply Voltage
Pin Out Information, VC-495
61.44MHz
77.76MHz
125.0MHz
155.52MHz
166.6286MHz
167.331645MHz
Standard Frequencies
VC
Temperature & Stability
D-205 = ±20ppm over -20 to +70oC
F-305 = ±30ppm over 40 to +85oC
Output Frequency
50.0... 170.0MHz
490
A
D
D
205
155.52
Product Family
VC =VCXO
Package
490 =13.8x9.1x5.5mm with 6 pads
495 =13.8x9.1x5.5mm with 4 pads
Supply Voltage
D = +3.3V +5%
Output Type
A= LVCMOS
F = complementary. LVPECL
MHz
A
Voltage Controlled Crystal Oscillators
VCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com