Electronic Components Datasheet Search
  English  ▼

X  

LTC2301 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2301
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2301 Datasheet HTML 10Page - Linear Technology LTC2301 Datasheet HTML 11Page - Linear Technology LTC2301 Datasheet HTML 12Page - Linear Technology LTC2301 Datasheet HTML 13Page - Linear Technology LTC2301 Datasheet HTML 14Page - Linear Technology LTC2301 Datasheet HTML 15Page - Linear Technology LTC2301 Datasheet HTML 16Page - Linear Technology LTC2301 Datasheet HTML 17Page - Linear Technology LTC2301 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2301/LTC2305
14
23015f
APPLICATIONS INFORMATION
The magnitude of the DC current is then approximately IDC
= (VIN – VREFCOMP/2)/REQ, which is roughly proportional to
VIN. To prevent large DC drops across the resistor RFILTER,
a filter with a small resistor and large capacitor should be
chosen. When running at the maximum throughput rate
of 14ksps, the input current equals 1.5μA at VIN = 4.096V,
which amounts to a full-scale error of 0.5LSBs when using
a filter resistor (RFILTER) of 333Ω. Applications requiring
lower sample rates can tolerate a larger filter resistor for
the same amount of full-scale error.
Figures 3a and 3b show respective examples of input
filtering for single-ended and differential inputs. For the
single-ended case in Figure 4a, a 50Ω source resistor
and a 2000pF capacitor to ground on the input will limit
the input bandwidth to 1.6MHz. High quality capacitors
and resistors should be used in the RC filter since these
components can add distortion. NPO and silver mica type
dielectric capacitors have excellent linearity. Carbon surface
mount resistors can generate distortion from self heating
Figure 2a. Analog Input Equivalent Circuit
Figure 2b. Analog Input Equivalent
Circuit for Large Filter Capacitances
VIN
INPUT
CH0, CH1,
IN+, IN–
RON =
100Ω
CIN =
55pF
CFILTER
RSOURCE
23015 F02a
LTC2301
LTC2305
VIN
INPUT
(CH0, CH1,
IN+, IN–)
REQ =
1/(fSMPL • CIN)
VREFCOMP/2
CFILTER
RFILTER
IDC
23015 F02b
LTC2301
LTC2305
+
–
and from damage that may occur during soldering. Metal
film surface mount resistors are much less susceptible
to both problems.
Dynamic Performance
Fast Fourier Transform (FFT) test techniques are used to
test the ADC’s frequency response, distortion and noise
at the rated throughput. By applying a low distortion
sine wave and analyzing the digital output using an FFT
algorithm, the ADC’s spectral content can be examined
for frequencies outside the fundamental.
Signal-to-Noise and Distortion Ratio (SINAD)
The signal-to-noise and distortion ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band-limited
to frequencies from above DC and below half the sampling
Figure 3a. Optional RC Input Filtering for Single-Ended Input
Figure 3b. Optional RC Input Filtering for Differential Inputs
23015 F03a
CH0, CH1
LTC2305
REFCOMP
2000pF
0.1μF
10μF
50Ω
ANALOG
INPUT
1000pF
23015 F03b
CH0, IN+
CH1, IN–
LTC2301
LTC2305
REFCOMP
1000pF
1000pF
0.1μF
10μF
50Ω
50Ω
DIFFERENTIAL
ANALOG
INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com