Electronic Components Datasheet Search
  English  ▼

X  

LTC2302 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2302 Datasheet HTML 10Page - Linear Technology LTC2302 Datasheet HTML 11Page - Linear Technology LTC2302 Datasheet HTML 12Page - Linear Technology LTC2302 Datasheet HTML 13Page - Linear Technology LTC2302 Datasheet HTML 14Page - Linear Technology LTC2302 Datasheet HTML 15Page - Linear Technology LTC2302 Datasheet HTML 16Page - Linear Technology LTC2302 Datasheet HTML 17Page - Linear Technology LTC2302 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2302/LTC2306
14
23026f
APPLICATIONS INFORMATION
Figure 2b. Analog Input Equivalent Circuit for
Large Filter Capacitances
Figure 2a. Analog Input Equivalent Circuit
chargingthesample-and-holdcapacitorsduringtheacquire
mode. In conversion mode, the analog inputs draw only
a small leakage current. If the source impedance of the
driving circuit is low, the ADC inputs can be driven directly.
Otherwise, more acquisition time should be allowed for a
source with higher impedance.
Reference
A low noise, stable reference is required to ensure full
performance. The LT®1790 and LT6660 are adequate
for most applications. The LT6660 is available in 2.5V,
3V, 3.3V and 5V versions, and the LT1790 is available in
1.25V, 2.048V, 2.5V, 3V, 3.3V, 4.096V and 5V versions. The
exceptionally low input noise allows the input range to be
optimized for the application by changing the reference
voltage. The VREF input must be decoupled with a 10μF
capacitor in parallel with a 0.1μF capacitor, so verify that
the device providing the reference voltage is stable with
capacitive loads.
If the voltage reference is 5V and can supply 5mA, it can
be used for both VREF and VDD. VDD must be connected
to a clean analog supply, and a quiet 5V reference voltage
makes a convenient supply for this purpose.
Input Filtering
The noise and distortion of the input amplifier and other
circuitry must be considered since they will add to the
ADC noise and distortion. Therefore, noisy input circuitry
should be filtered prior to the analog inputs to minimize
noise. A simple 1-pole RC filter is sufficient for many
applications.
The analog inputs of the LTC2302/LTC2306 can be modeled
as a 55pF capacitor (CIN) in series with a 100Ω resistor
(RON) as shown in Figure 2a. CIN gets switched to the
selected input once during each conversion. Large filter
RC time constants will slow the settling of the inputs. It
is important that the overall RC time constants be short
enough to allow the analog inputs to completely settle to
12-bit resolution within the acquisition time (tACQ) if DC
accuracy is important.
When using a filter with a large CFILTER value (e.g., 1μF),
the inputs do not completely settle and the capacitive input
switching currents are averaged into a net DC current
(IDC). In this case, the analog input can be modeled by
an equivalent resistance (REQ = 1/(fSMPL • CIN)) in series
with an ideal voltage source (VREF/2) as shown in Figure
2b. The magnitude of the DC current is then approximately
IDC = (VIN – VREF/2)/REQ, which is roughly proportional
to VIN. To prevent large DC drops across the resistor
RFILTER, a filter with a small resistor and large capacitor
should be chosen. When running at the minimum cycle
time of 2μs, the input current equals 106μA at VIN = 5V,
which amounts to a full-scale error of 0.5LSB when using
a filter resistor (RFILTER) of 4.7Ω. Applications requiring
lower sample rates can tolerate a larger filter resistor for
the same amount of full-scale error.
CIN
55pF
RON
100Ω
RSOURCE
VIN
LTC2302
LTC2306
INPUT
(CH0, CH1
IN+, IN–)
C1
23026 F02a
REQ
1/(fSMPL • CIN)
VREF/2
RFILTER
IDC
VIN
LTC2302
LTC2306
INPUT
(CH0, CH1
IN+, IN–)
CFILTER
23026 F02b
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com