Electronic Components Datasheet Search
  English  ▼

X  

LTC2302 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 4 Page - Linear Technology

  LTC2302 Datasheet HTML 1Page - Linear Technology LTC2302 Datasheet HTML 2Page - Linear Technology LTC2302 Datasheet HTML 3Page - Linear Technology LTC2302 Datasheet HTML 4Page - Linear Technology LTC2302 Datasheet HTML 5Page - Linear Technology LTC2302 Datasheet HTML 6Page - Linear Technology LTC2302 Datasheet HTML 7Page - Linear Technology LTC2302 Datasheet HTML 8Page - Linear Technology LTC2302 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2302/LTC2306
4
23026f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
l
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
l
0.8
V
IIN
High Level Input Current
VIN = VDD
l
±10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
OVDD = 4.75V, IOUT = –10μA
OVDD = 4.75V, IOUT = –200μA
l
4
4.74
V
V
VOL
Low Level Output Voltage
OVDD = 4.75V, IOUT = 160μA
OVDD = 4.75V, IOUT = 1.6mA
l
0.05
0.4
V
V
IOZ
Hi-Z Output Leakage
VOUT = 0V to OVDD, CONVST High
l
±10
μA
COZ
Hi-Z Output Capacitance
CONVST High
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
4.75
5
5.25
V
OVDD
Output Driver Supply Voltage
l
2.7
5.25
V
IDD
Supply Current
Sleep Mode
CL = 25pF
CONVST = 5V, Conversion Done
l
l
2.8
7
3.5
15
mA
μA
PD
Power Dissipation
Sleep Mode
14
35
mW
μW
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 1kHz
l
71
72.8
dB
SNR
Signal-to-Noise Ratio
fIN = 1kHz
l
71
73.2
dB
THD
Total Harmonic Distortion
fIN = 1kHz, First 5 Harmonics
l
–88
–78
dB
SFDR
Spurious Free Dynamic Range
fIN = 1kHz
l
79
89
dB
Channel-to-Channel Isolation
fIN = 1kHz
–109
dB
Full Linear Bandwidth
(Note 11)
700
kHz
–3dB Input Linear Bandwidth
25
MHz
Aperature Delay
13
ns
Transient Response
Full-Scale Step
240
ns
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Notes 4, 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com