Electronic Components Datasheet Search
  English  ▼

X  

TLZ2V7B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLZ2V7B
Description  Small Signal Zener Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ2V7B Datasheet(HTML) 3 Page - Vishay Siliconix

  TLZ2V7B Datasheet HTML 1Page - Vishay Siliconix TLZ2V7B Datasheet HTML 2Page - Vishay Siliconix TLZ2V7B Datasheet HTML 3Page - Vishay Siliconix TLZ2V7B Datasheet HTML 4Page - Vishay Siliconix TLZ2V7B Datasheet HTML 5Page - Vishay Siliconix TLZ2V7B Datasheet HTML 6Page - Vishay Siliconix TLZ2V7B Datasheet HTML 7Page - Vishay Siliconix TLZ2V7B Datasheet HTML 8Page - Vishay Siliconix TLZ2V7B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLZ-Series
Document Number 85635
Rev. 1.9, 23-Mar-06
Vishay Semiconductors
www.vishay.com
3
TLZ11
TLZ11A
11A
10.18
10.71
10
120
10
0.5
0.04
9.67
TLZ11B
11B
10.5
11.05
10
120
10
0.5
0.04
9.98
TLZ11C
11C
10.82
11.38
10
120
10
0.5
0.04
10.28
TLZ12
TLZ12A
12A
11.13
11.71
12
110
10
0.5
0.04
10.6
TLZ12B
12B
11.44
12.03
12
110
10
0.5
0.04
10.9
TLZ12C
12C
11.74
12.35
12
110
10
0.5
0.04
11.2
TLZ13
TLZ13A
13A
12.11
12.75
14
110
10
0.5
0.04
11.5
TLZ13B
13B
12.55
13.21
14
110
10
0.5
0.04
11.9
TLZ13C
13C
12.99
13.66
14
110
10
0.5
0.04
12.3
TLZ15
TLZ15A
15A
13.44
14.13
16
110
10
0.5
0.04
12.8
TLZ15B
15B
13.89
14.62
16
110
10
0.5
0.04
13.2
TLZ15C
15C
14.35
15.09
16
110
10
0.5
0.04
13.6
TLZ16
TLZ16A
16A
14.8
15.57
18
150
10
0.5
0.04
14.1
TLZ16B
16B
15.25
16.04
18
150
10
0.5
0.04
14.5
TLZ16C
16C
15.69
16.51
18
150
10
0.5
0.04
14.9
TLZ18
TLZ18A
18A
16.22
17.06
23
150
10
0.5
0.04
15.4
TLZ18B
18B
16.82
17.7
23
150
10
0.5
0.04
16
TLZ18C
18C
17.42
18.33
23
150
10
0.5
0.04
16.5
TLZ20
TLZ20A
20A
18.02
18.96
28
200
10
0.5
0.04
17.1
TLZ20B
20B
18.63
19.59
28
200
10
0.5
0.04
17.7
TLZ20C
20C
19.23
20.22
28
200
10
0.5
0.04
18.3
TLZ20D
20D
19.72
20.72
28
200
10
0.5
0.04
18.7
TLZ22
TLZ22A
22A
20.15
21.2
30
200
5
0.5
0.04
19.1
TLZ22B
22B
20.64
21.71
30
200
5
0.5
0.04
19.6
TLZ22C
22C
21.08
22.17
30
200
5
0.5
0.04
20
TLZ22D
22D
21.52
22.63
30
200
5
0.5
0.04
20.4
TLZ24
TLZ24A
24A
22.05
23.18
35
200
5
0.5
0.04
20.9
TLZ24B
24B
22.61
23.77
35
200
5
0.5
0.04
21.5
TLZ24C
24C
23.12
24.31
35
200
5
0.5
0.04
22
TLZ24D
24D
23.63
24.85
35
200
5
0.5
0.04
22.4
TLZ27
TLZ27A
27A
24.26
25.52
45
250
5
0.5
0.04
23
TLZ27B
27B
24.97
26.26
45
250
5
0.5
0.04
23.7
TLZ27C
27C
25.63
26.95
45
250
5
0.5
0.04
24.3
TLZ27D
27D
26.29
27.64
45
250
5
0.5
0.04
25
TLZ30
TLZ30A
30A
26.99
28.39
55
250
5
0.5
0.04
25.6
TLZ30B
30B
27.7
29.13
55
250
5
0.5
0.04
26.3
TLZ30C
30C
28.36
29.82
55
250
5
0.5
0.04
26.9
TLZ30D
30D
29.02
30.51
55
250
5
0.5
0.04
27.6
TLZ33
TLZ33A
33A
29.68
31.22
65
250
5
0.5
0.04
28.2
TLZ33B
33B
30.32
31.88
65
250
5
0.5
0.04
28.8
TLZ33C
33C
30.9
32.5
65
250
5
0.5
0.04
29.4
TLZ33D
33D
31.49
33.11
65
250
5
0.5
0.04
29.9
TLZ36
TLZ36A
36A
32.14
33.79
75
250
5
0.5
0.04
30.5
TLZ36B
36B
32.79
34.49
75
250
5
0.5
0.04
31.2
TLZ36C
36C
33.4
35.13
75
250
5
0.5
0.04
31.7
TLZ36D
36D
34.01
35.77
75
250
5
0.5
0.04
32.3
Part-
number-
group
Part-
number
Marking
Code
Zener Voltage
Dynamic Resistance
Test Current
Reverse Leakage
Current
VZ at IZT
ZZ at IZT
ZZK at IZK
IZT
IZK
IR at VR
V
V
Ω
Ω
mA
mA
µA
V
min
max
max
max
max



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com