Electronic Components Datasheet Search
  English  ▼

X  

TLZ2V7B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLZ2V7B
Description  Small Signal Zener Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ2V7B Datasheet(HTML) 4 Page - Vishay Siliconix

  TLZ2V7B Datasheet HTML 1Page - Vishay Siliconix TLZ2V7B Datasheet HTML 2Page - Vishay Siliconix TLZ2V7B Datasheet HTML 3Page - Vishay Siliconix TLZ2V7B Datasheet HTML 4Page - Vishay Siliconix TLZ2V7B Datasheet HTML 5Page - Vishay Siliconix TLZ2V7B Datasheet HTML 6Page - Vishay Siliconix TLZ2V7B Datasheet HTML 7Page - Vishay Siliconix TLZ2V7B Datasheet HTML 8Page - Vishay Siliconix TLZ2V7B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 85635
Rev. 1.9, 23-Mar-06
TLZ-Series
Vishay Semiconductors
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
TLZ39
TLZ39A
39A
34.68
36.47
85
250
5
0.5
0.04
32.9
TLZ39B
39B
35.36
37.19
85
250
5
0.5
0.04
33.6
TLZ39C
39C
36
37.85
85
250
5
0.5
0.04
34.2
TLZ39D
39D
36.63
38.52
85
250
5
0.5
0.04
34.8
TLZ39E
39E
37.36
39.29
85
250
5
0.5
0.04
35.5
TLZ39F
39F
38.14
40.11
85
250
5
0.5
0.04
36.2
TLZ39G
39G
38.94
40.8
85
250
5
0.5
0.04
37
TLZ43
TLZ43
43
40
45
90
-
5
-
0.04
38
TLZ47
TLZ47
47
44
49
90
-
5
-
0.04
41.8
TLZ51
TLZ51
51
48
54
100
-
5
-
0.04
45.6
TLZ56
TLZ56
56
53
60
100
-
5
-
0.04
50.4
Part-
number-
group
Part-
number
Marking
Code
Zener Voltage
Dynamic Resistance
Test Current
Reverse Leakage
Current
VZ at IZT
ZZ at IZT
ZZK at IZK
IZT
IZK
IR at VR
V
V
Ω
Ω
mA
mA
µA
V
min
max
max
max
max
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Typical Change of Working Voltage under Operating
Conditions at Tamb = 25°C
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40
10
15
20
1
10
100
1000
V
Z - Z-Voltage (V)
25
95 9598
T
j = 25 °C
I
Z = 5 mA
0
5
Figure 3. Typical Change of Working Voltage vs. Junction
Temperature
Figure 4. Temperature Coefficient of Vz vs. Z-Voltage
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
T
j - Junction Temperature (°C)
240
95 9599
0
V
Ztn = VZt/VZ (25 °C)
0
TK
VZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
30
- 5
0
5
10
15
V
Z - Z-Voltage (V)
50
95 9600
40
I
Z = 5 mA
10
20
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com